Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV321-Q1
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV321-Q1 Datasheet HTML 5Page - Texas Instruments LMV321-Q1 Datasheet HTML 6Page - Texas Instruments LMV321-Q1 Datasheet HTML 7Page - Texas Instruments LMV321-Q1 Datasheet HTML 8Page - Texas Instruments LMV321-Q1 Datasheet HTML 9Page - Texas Instruments LMV321-Q1 Datasheet HTML 10Page - Texas Instruments LMV321-Q1 Datasheet HTML 11Page - Texas Instruments LMV321-Q1 Datasheet HTML 12Page - Texas Instruments LMV321-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LMV321-Q1 SINGLE, LMV358-Q1 DUAL, LMV324-Q1 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS415E − JUNE 2003 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
Figure 13
SOURCE CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to VCC+ − V
VCC = 2.7 V
LMV3xx
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
Figure 14
SOURCE CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to VCC+ − V
LMV3xx
VCC = 5 V
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
Figure 15
SINKING CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to GND − V
LMV3xx
VCC = 2.7 V
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
Figure 16
SINKING CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to GND − V
VCC = 5 V
LMV324


Similar Part No. - LMV321-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV321-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com