Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG1250 Datasheet(PDF) 11 Page - Cooper Bussmann, Inc.

Part # GG1250
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG1250 Datasheet(HTML) 11 Page - Cooper Bussmann, Inc.

Back Button GG1250 Datasheet HTML 7Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 8Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 9Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 10Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 11Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 12Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 13Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 14Page - Cooper Bussmann, Inc. GG1250 Datasheet HTML 15Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Special DC Range
Offset/Centre Bolted Tag
500Vdc / 10 - 63A
Specifications
Description:
Fuse links for industrial DC
applications available in offset and centre
bolted tags
Ratings:
Applications:
Protection of DC electrical circuits
Agency information:
ASTA approved to BS88 part 2
RoHS Compliant
Dimensions
Rating
(A)
Offset
Bolted
Center fixings
Centre Bolted
Unit
Packing
73mm
98mm
111mm
10
10HS07
-
10KS09
20
16
16HS07
-
16KS09
20
20HS07
-
20KS09
25
25HS07
-
25KS09
32
32HS07
-
32KS09
40
40KS07
40KS08
40KS09
50
50KS07
50KS08
50KS09
63
63KS07
63KS08
63KS09
Catalogue Numbers
Part No
Dimensions (mm)
A
B
C
D
F
G
H
J
HS07
86.0
73
54.0
22.0
0.8
9.2
8.0
5.0
KS07
91.0
27.0
1.2
13.0
10.5
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
KS08
113.0
98
56.0
27.0
2.5
13.0
13.0
5.0
KS09
138.0
111
14.5
15.0
8.0
Industrial Applications to BS88 - 500Vdc
Volts: - 500V dc
Amps: - 10 - 63A
IR - 40kA @ 500V dc
Data Sheet: E5785017
12


Similar Part No. - GG1250

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GG1250 COOPER-GG1250 Datasheet
165Kb / 3P
   GG BS88 Centre bolted tags
More results

Similar Description - GG1250

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com