Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358IDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV358IDRQ1
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358IDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LMV358IDRQ1 Datasheet HTML 1Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 2Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 3Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 4Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 5Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 6Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 7Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 8Page - Texas Instruments LMV358IDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMV321-Q1 SINGLE, LMV358-Q1 DUAL, LMV324-Q1 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS415E − JUNE 2003 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 6)
MIN
MAX
UNIT
VCC
Supply voltage (single-supply operation)
2.7
5.5
V
V
Amplifier t rn on oltage le el
VCC = 2.7 V
1.7
V
VIH
Amplifier turn-on voltage level
VCC = 5 V
3.5
V
V
Amplifier turn off voltage level
VCC = 2.7 V
0.7
V
VIL
Amplifier turn-off voltage level
VCC = 5 V
1.5
V
T
Operating free air temperature
I suffix
−40
85
°C
TA
Operating free-air temperature
Q suffix
−40
125
°C
NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics at TA = 25°C, VCC+ = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
1.7
7
mV
a
V
IO
Average temperature coefficient
of input offset voltage
5
mV/°C
IIB
Input bias current
11
250
nA
IIO
Input offset current
5
50
nA
CMRR
Common-mode rejection ratio
VCM = 0 to 1.7 V
50
63
dB
kSVR
Supply-voltage rejection ratio
VCC = 2.7 V to 5 V,
VO = 1 V
50
60
dB
VICR
Common-mode input voltage range
CMRR
w 50 dB
0 to 1.7
−0.2 to 1.9
V
Output swing
R
10 k
Ω to135V
High level
VCC − 100
VCC − 10
mV
Output swing
RL = 10 kΩ to 1.35 V
Low level
60
180
mV
LMV321
80
170
ICC
Supply current
LMV358 (both amplifiers)
140
340
mA
CC
pp y
LMV324 (all four amplifiers)
260
680
m
B1
Unity-gain bandwidth
CL = 200 pF
1
MHz
fm
Phase margin
60
deg
Gm
Gain margin
10
dB
Vn
Equivalent input noise voltage
f = 1 kHz
46
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.17
pA/
√Hz


Similar Part No. - LMV358IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358IDR TI-LMV358IDR Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LMV358IDR UMW-LMV358IDR Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
Texas Instruments
LMV358IDR TI-LMV358IDR Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDR TI-LMV358IDR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDR TI-LMV358IDR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358IDRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com