Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL411BPA Datasheet(PDF) 2 Page - Texas Instruments

Part # JL411BPA
Description  LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL411BPA Datasheet(HTML) 2 Page - Texas Instruments

  JL411BPA Datasheet HTML 1Page - Texas Instruments JL411BPA Datasheet HTML 2Page - Texas Instruments JL411BPA Datasheet HTML 3Page - Texas Instruments JL411BPA Datasheet HTML 4Page - Texas Instruments JL411BPA Datasheet HTML 5Page - Texas Instruments JL411BPA Datasheet HTML 6Page - Texas Instruments JL411BPA Datasheet HTML 7Page - Texas Instruments JL411BPA Datasheet HTML 8Page - Texas Instruments JL411BPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LF411JAN
Low Offset, Low Drift JFET Input Operational Amplifier
General Description
This device is a low cost, high speed, JFET input operational
amplifier with very low input offset voltage and guaranteed
input offset voltage drift. It requires low supply current yet
maintains a large gain bandwidth product and fast slew rate.
In addition, well matched high voltage JFET input devices
provide very low input bias and offset currents. The LF411 is
pin compatible with the standard LM741 allowing designers
to immediately upgrade the overall performance of existing
designs.
This amplifier may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage and drift, low input bias current, high input imped-
ance, high slew rate and wide bandwidth.
Features
n
Internally trimmed offset voltage:
0.5 mV(Typ)
n
Input offset voltage drift:
30 µV/˚C
n
Low input bias current:
50 pA
n
Low input noise current:
0.01 pA/
Hz
n
Wide gain bandwidth:
3 MHz Typ.
n
High slew rate:
7V/µs (min.)
n
Low supply current:
1.8 mA
n
High input impedance:
10
12
n
Low total harmonic distortion: A
V = 10, RL = 10K
Ω,
V
O = 20VP-P, BW = 20Hz - 20KHz
<0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
1.5 µs
Ordering Information
NS Part Number
JAN Part Number
NS Package Number
Package Description
JL411BPA
JM38510/11904BPA
J08A
8LD CERDIP
Connection Diagram
8LD Ceramic Dual-in Line Package
20152407
Top View
See NS Package Number J08A
Typical Connection
20152401
BI-FET IIis a trademark of National Semiconductor Corporation.
October 2005
© 2005 National Semiconductor Corporation
DS201524
www.national.com


Similar Part No. - JL411BPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL411BPA TI1-JL411BPA Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results

Similar Description - JL411BPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com