Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11030 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN11030
Description  USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11030 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN11030 Datasheet HTML 1Page - SONiX Technology Company SN11030 Datasheet HTML 2Page - SONiX Technology Company SN11030 Datasheet HTML 3Page - SONiX Technology Company SN11030 Datasheet HTML 4Page - SONiX Technology Company SN11030 Datasheet HTML 5Page - SONiX Technology Company SN11030 Datasheet HTML 6Page - SONiX Technology Company SN11030 Datasheet HTML 7Page - SONiX Technology Company SN11030 Datasheet HTML 8Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN11030
Confidential
2002/6/26
0.2
2
architecture, SN11030 is an ideal choice for building a portable USB to
CF/ATA/SM/Flash storage system.
2 Features
l
12 MHz USB 1.1 full-speed compatible.
l
USB 1.1 Mass Storage Class compliant
l
USB Mass Storage Class Bulk-Only Transport 1.0 supported
l
USB Mass Storage Class SCSI transparent command set supported
l
12
characters
of
serial
number
and
up
to
28
characters
of
Vendor/Product/Revision string supported with external EEPROM
l
Support PIO mode CF/ATA/ATAPI device
l
Support 3.3V, 4Mbytes to 128 Mbytes SSFDC(SmartMedia Card), Type I/II
CompactFlash card and MicroDrive.
l
Support NAND-type flash memory, from 4Mbytes to 128 Mbytes.
l
Real-time ECC correction circuit to ensure the data integrity and accelerate the
access speed for SmartMedia/NAND-type flash.
l
Built- in
SRAM
to
support
logical-to-physical
address
translation
for
SmartMedia/NAND-type flash to reduce cost and increase performance and
reliability
l
Supports Hot-Swapping among flash memory, CF card and SM card without
un-plug USB.
l
Built- in FIFO for upstream and downstream data transfer
l
Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average),
l
Pin selectable high-power (500mA) or low-power (100mA)
l
3 LED lightening pins available. One for CF, one for SM, and one for CF + SM
(version 2 only)
l
PC boot up capability provided (PC BIOS needs to support USB ZIP boot up)
(version 2 only)
l
No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
l
Driver support Microsoft Windows 98
l
Multiple icon driver support for Microsoft Windows 2000 and Mac OS 9
l
Single 3.3V operation
l
80 pin LQFP package.


Similar Part No. - SN11030

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN1100 KNIGHTSBRIDGE-SN1100 Datasheet
141Kb / 1P
   10A Fan Isolator Switch
5/03/2024
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
   USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11020F SONIX-SN11020F Datasheet
110Kb / 8P
   USB to ATA/ATAPI/SD/MMC Interface Controller?
More results

Similar Description - SN11030

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
   USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
   USB to Flash Interface Controller, Mass Storage Class Compliant
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
   USB Mass Storage Class
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
   USB Mass Storage Class Bulk-Only Specification Compliant
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
   SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
   SD3??USB and Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com