Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV824MTX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV824MTX
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV824MTX Datasheet(HTML) 4 Page - Texas Instruments

  LMV824MTX Datasheet HTML 1Page - Texas Instruments LMV824MTX Datasheet HTML 2Page - Texas Instruments LMV824MTX Datasheet HTML 3Page - Texas Instruments LMV824MTX Datasheet HTML 4Page - Texas Instruments LMV824MTX Datasheet HTML 5Page - Texas Instruments LMV824MTX Datasheet HTML 6Page - Texas Instruments LMV824MTX Datasheet HTML 7Page - Texas Instruments LMV824MTX Datasheet HTML 8Page - Texas Instruments LMV824MTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
O
Output Swing
V
+ = 2.7V, R
L= 600
Ω to 1.35V
2.58
2.50
V
2.40
min
0.13
0.20
V
0.30
max
V
+ = 2.7V, R
L=2k
Ω to 1.35V
2.66
2.60
V
2.50
min
0.08
0.120
V
0.200
max
I
O
Output Current
Sourcing, V
O =0V
16
12
mA
min
Sinking, V
O = 2.7V
26
12
mA
min
I
S
Supply Current
LMV821 (Single)
0.22
0.3
mA
0.5
max
LMV822 (Dual)
0.45
0.6
mA
0.8
max
LMV824 (Quad)
0.72
1.0
mA
1.2
max
2.5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.5V, V = 0V, V
CM = 1.0V, VO = 1.25V and R L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
OS
Input Offset Voltage
1
3.5
mV
4
max
V
O
Output Swing
V
+ = 2.5V, R
L = 600
Ω to 1.25V
2.37
2.30
V
2.20
min
0.13
0.20
V
0.30
max
V
+ = 2.5V, R
L =2k
Ω to 1.25V
2.46
2.40
V
2.30
min
0.08
0.12
V
0.20
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMV821/822/824 Limit
(Note 6)
Units
SR
Slew Rate
(Note 7)
1.5
V/µs
GBW
Gain-Bandwdth Product
5
MHz
Φ
m
Phase Margin
61
Deg.
G
m
Gain Margin
10
dB
Amp-to-Amp Isolation
(Note 8)
135
dB
e
n
Input-Related Voltage Noise
f = 1 kHz, V
CM =1V
28
www.national.com
3


Similar Part No. - LMV824MTX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV824MTX NSC-LMV824MTX Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV824MTX TI1-LMV824MTX Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824MTX TI1-LMV824MTX Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824MTX/NOPB TI1-LMV824MTX/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824MTXNOPB TI1-LMV824MTXNOPB Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
More results

Similar Description - LMV824MTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com