Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11087 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SN11087
Description  Second Generation USB1.1 Flash Memory Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11087 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SN11087 Datasheet HTML 5Page - SONiX Technology Company SN11087 Datasheet HTML 6Page - SONiX Technology Company SN11087 Datasheet HTML 7Page - SONiX Technology Company SN11087 Datasheet HTML 8Page - SONiX Technology Company SN11087 Datasheet HTML 9Page - SONiX Technology Company SN11087 Datasheet HTML 10Page - SONiX Technology Company SN11087 Datasheet HTML 11Page - SONiX Technology Company SN11087 Datasheet HTML 12Page - SONiX Technology Company SN11087 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN11087
2003/7/8 ver 0.3
9
v)
Customize USB VID/PID and strings into flash memory or EEPROM
vi)
Disable the PC lock and security function
5 Operating rating and electrical characteristics
6.1 Absolute maximum rating
Table 4
symbol
parameter
value
unit
Dvmin
min digital supply voltage
DGND – 0.3
V
Dvmax
max digital supply voltage
DGND + 4.6
V
Avmin
min analog supply voltage
AGND – 0.3
V
Avmax
max analog supply voltage
AGND + 4.6
V
Dvinout
voltage on any digital input or output pin
DGND –0.3 to 5.5
V
Avinout
voltage on any analog input or output pin
AGND –0.3 to Avdd + 0.3
V
Tstg
storage temperature range
-40 to +125
0C
ESD (HBM)
ESD human body mode
C=100pF, R=1.5K
5000
V
ESD (MM)
ESD machine mode
200
V
Ioff
leakage current
10
uA
Ilatch
minimum latch up current
100
mA
6.2 Operation conditions
Table 5
symbol
parameter
value
unit
DVdd
digital supply voltage
+3 to +3.6
V
Avdd
analog supply voltage
+3 to +3.6
V
TA
operating ambient temperature range
0 to 70
0C
TJ
operating junction temperature range
0 to 115
0C


Similar Part No. - SN11087

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
   USB to Flash Interface Controller, Mass Storage Class Compliant
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
   SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
   Third Generation USB1.1 Flash Memory Controller
More results

Similar Description - SN11087

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
   Third Generation USB1.1 Flash Memory Controller
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
   SN11085 USB1.1 Flash memory Controller
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
   SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Shenzhen Xinmao Microel...
LP8773 LANDP-LP8773 Datasheet
921Kb / 11P
   Second generation pre-conversIon PWM controller
LP8773S LANDP-LP8773S Datasheet
922Kb / 11P
   Second generation pre-conversIon PWM controller
logo
List of Unclassifed Man...
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com