Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2952AIN Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2952AIN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIN Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2952AIN Datasheet HTML 5Page - Texas Instruments LP2952AIN Datasheet HTML 6Page - Texas Instruments LP2952AIN Datasheet HTML 7Page - Texas Instruments LP2952AIN Datasheet HTML 8Page - Texas Instruments LP2952AIN Datasheet HTML 9Page - Texas Instruments LP2952AIN Datasheet HTML 10Page - Texas Instruments LP2952AIN Datasheet HTML 11Page - Texas Instruments LP2952AIN Datasheet HTML 12Page - Texas Instruments LP2952AIN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 6V, IL = 1 mA, CL = 2.2 µF,
VSD = 3V, TA = 25˚C, VOUT = 5V. (Continued)
Ripple Rejection
Ripple Rejection
01112733
01112734
Ripple Rejection
Line Transient Response
01112735
01112736
Line Transient Response
Output Impedance
01112737
01112738
www.national.com
8


Similar Part No. - LP2952AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952AIN NSC-LP2952AIN Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952AIN-3.3 NSC-LP2952AIN-3.3 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2952AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML-SP TI-LP2953QML-SP_15 Datasheet
718Kb / 26P
[Old version datasheet]   LP2953QML Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
   5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com