Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951-33DRGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951-33DRGR
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951-33DRGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2951-33DRGR Datasheet HTML 7Page - Texas Instruments LP2951-33DRGR Datasheet HTML 8Page - Texas Instruments LP2951-33DRGR Datasheet HTML 9Page - Texas Instruments LP2951-33DRGR Datasheet HTML 10Page - Texas Instruments LP2951-33DRGR Datasheet HTML 11Page - Texas Instruments LP2951-33DRGR Datasheet HTML 12Page - Texas Instruments LP2951-33DRGR Datasheet HTML 13Page - Texas Instruments LP2951-33DRGR Datasheet HTML 14Page - Texas Instruments LP2951-33DRGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Input Voltage
2 V/div
Output Voltage
80 mV/div
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VOL – Output Low Voltage – V
T = 125
A
T = 25
A
T = –40
A
Output Load
100 mA/div
Output Voltage
100 mV/div
Output Load
100 mA/div
Output Voltage
100 mV/div
LP2950
LP2951
www.ti.com
SLVS582H – APRIL 2006 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
LP2951 ERROR COMPARATOR SINK CURRENT
LINE TRANSIENT RESPONSE
vs
vs
OUTPUT LOW VOLTAGE
TIME
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
vs
vs
TIME
TIME
(VOUT = 5 V, CL = 1 μF)
(VOUT = 5 V, CL = 10 μF)
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): LP2950 LP2951


Similar Part No. - LP2951-33DRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951-33DRGR TI-LP2951-33DRGR Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33DRGR TI-LP2951-33DRGR Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2951-33DRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2950 TI-LP2950 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
[Old version datasheet]   Adjustable Micropower Voltage Regulators with Shutdown
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com