Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20NHG01BI Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # 20NHG01BI
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

20NHG01BI Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  20NHG01BI Datasheet HTML 1Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 2Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 3Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 4Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 5Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 6Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 7Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 8Page - Cooper Bussmann, Inc. 20NHG01BI Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Bolted Tags (Cont.../...)
240-550V / 32 - 100A
Specifications
Description:
Fuse Links for general industrial applications
with Q1 fusing factor - general purpose (gG) and motor
protection (gM) characteristics
Applications:
General Industrial & Motors applications
BAO
550V ac / 35-63A
Industrial & Motor Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986) and CSA C22.2 No 106-M 1985
RoHS Compliant
CEO
550V ac / 32-100A
415V ac (gM)
Dimensions
Rating (A)
Catalogue
Number
Class BS Ref
Fixing
Centres mm
Unit
Packing
35
BAO35
gG
A3
73
20
40
BAO40
50
BAO50
63
BAO63
63M80
BAO63M80
gM
63M100
BAO63M100
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
BAO
87
73
54.5
21
22.5
1.2
12.7
8.0
5.5
BAO63M
Dimensions
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
CEO
110
94
58.5
21.0 24.5
3.2
14.3 11.0 8.7
CEO100M125 &
160
25.8 26.8
CEO100M200
47.0 31 29.5
19.0 10.0 9.0
Catalogue Numbers
Rating
(A)
Catalogue
Number
Class BS Ref
Fixing
Centres mm
Unit
Packing
32
CEO32
gG
A4
94
10
40
CEO40
50
CEO50
63
CEO63
80
CEO80
100
CEO100
100M125
CEO100M125
gM
100M160
CEO100M160
100M200
CEO100M200
Fuseholder: CAMASTER CM63F, see page 20
Volts: - 415 - 550V ac
Amps: - 32 - 100A
IR - 80kA @ 415 / 550V ac
Catalogue Numbers
Data Sheet: 4112
Data Sheet: 4115
6


Similar Part No. - 20NHG01BI

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
20NHG000B-690 COOPER-20NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
20NHG000B-690 ETC1-20NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
More results

Similar Description - 20NHG01BI

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com