Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985AIM5-1.5 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2985AIM5-1.5
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985AIM5-1.5 Datasheet(HTML) 3 Page - Texas Instruments

  LP2985AIM5-1.5 Datasheet HTML 1Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 2Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 3Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 4Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 5Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 6Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 7Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 8Page - Texas Instruments LP2985AIM5-1.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
//htmlimg2.alldatasheet.net/htmldatasheet2/462486/TI1/LP2985AIM5-1.5/195/3/LP2985AIM5-1.5.png


Similar Part No. - LP2985AIM5-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985AIM5-1.5 NSC-LP2985AIM5-1.5 Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985AIM5-1.5 NSC-LP2985AIM5-1.5 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985AIM5-1.5 TI-LP2985AIM5-1.5 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP2985AIM5-1.5 TI-LP2985AIM5-1.5 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985AIM5-1.5/NOPB TI1-LP2985AIM5-1.5/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

Similar Description - LP2985AIM5-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
   Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com