Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM308A Datasheet(PDF) 6 Page - Texas Instruments

Part # LM308A
Description  LM108A LM208A LM308A Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM308A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM308A Datasheet HTML 2Page - Texas Instruments LM308A Datasheet HTML 3Page - Texas Instruments LM308A Datasheet HTML 4Page - Texas Instruments LM308A Datasheet HTML 5Page - Texas Instruments LM308A Datasheet HTML 6Page - Texas Instruments LM308A Datasheet HTML 7Page - Texas Instruments LM308A Datasheet HTML 8Page - Texas Instruments LM308A Datasheet HTML 9Page - Texas Instruments LM308A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Hints
A very low drift amplifier poses some uncommon application
and testing problems Many sources of error can cause the
apparent circuit drift to be much higher than would be pre-
dicted
Thermocouple effects caused by temperature gradient
across dissimilar metals are perhaps the worst offenders
Only a few degrees gradient can cause hundreds of micro-
volts of error The two places this shows up generally are
the package-to-printed circuit board interface and tempera-
ture gradients across resistors Keeping package leads
short and the two input leads close together helps greatly
Resistor choice as well as physical placement is important
for minimizing thermocouple effects Carbon oxide film and
some metal film resistors can cause large thermocouple er-
rors Wirewound resistors of evanohm or manganin are best
since they only generate about 2 mV C referenced to cop-
per Of course keeping the resistor ends at the same tem-
perature is important Generally shielding a low drift stage
electrically and thermally will yield good results
Resistors can cause other errors besides gradient generat-
ed voltages If the gain setting resistors do not track with
temperature a gain error will result For example a gain of
1000 amplifier with a constant 10 mV input will have a 10V
output If the resistors mistrack by 05% over the operating
temperature range the error at the output is 50 mV Re-
ferred to input this is a 50 mV error All of the gain fixing
resistor should be the same material
Testing low drift amplifiers is also difficult Standard drift
testing technique such as heating the device in an oven and
having the leads available through a connector thermo-
probe or the soldering iron methoddo not work Thermal
gradients cause much greater errors than the amplifier drift
Coupling microvolt signal through connectors is especially
bad since the temperature difference across the connector
can be 50 C or more The device under test along with the
gain setting resistor should be isothermal
Schematic Diagram
TLH7759 – 6
5


Similar Part No. - LM308A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM308A MOTOROLA-LM308A Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
logo
Linear Technology
LM308A LINER-LM308A Datasheet
451Kb / 8P
   Operational Amplifiers?
LM308A LINER-LM308A Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Motorola, Inc
LM308AD MOTOROLA-LM308AD Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
More results

Similar Description - LM308A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com