Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7360ETL+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7360ETL+
Description  I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7360ETL+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7360ETL+ Datasheet HTML 1Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX7360ETL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
I2C-Interfaced Key-Switch Controller and LED
Driver/GPIOs with Integrated ESD Protection
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.62V to +3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25NC.) (Notes 2, 3)
Note 2: All parameters are tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: All digital inputs at VCC or GND.
Note 4: Guaranteed by design.
Note 5: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 6: Cb = total capacitance of one bus line in pF. tR and tF measured between +0.3VCC and +0.7VCC.
Note 7: ISINK ≤ 6mA.
Note 8: Input filters on the SDA, SCL, and AD0 inputs suppress noise spikes less than 50ns.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Hold Time
tHD, DAT
(Note 5)
0.9
F
s
Data Setup Time
tSU, DAT
100
ns
SCL Clock Low Period
tLOW
1.3
F
s
SCL Clock High Period
tHIGH
0.7
F
s
Rise Time of Both SDA and SCL
Signals, Receiving
tR
(Notes 4, 6)
20 +
0.1Cb
300
ns
Fall Time of Both SDA and SCL
Signals, Receiving
tF
(Notes 4, 6)
20 +
0.1Cb
300
ns
Fall Time of SDA Signal,
Transmitting
tF, TX
(Notes 4, 7)
20 +
0.1Cb
250
ns
Pulse Width of Spike Suppressed
tSP
(Notes 4, 8)
50
ns
Capacitive Load for Each Bus
Line
Cb
(Note 4)
400
pF


Similar Part No. - MAX7360ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7360ETL++ MAXIM-MAX7360ETL+ Datasheet
1Mb / 31P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 0; 4/09
MAX7360ETL++ MAXIM-MAX7360ETL+ Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
More results

Similar Description - MAX7360ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7360 MAXIM-MAX7360 Datasheet
1Mb / 31P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 0; 4/09
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370_12 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
   1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
   Serial-Interfaced 6-Digit LED controller with key scan
logo
Maxim Integrated Produc...
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
logo
Shanghai awinic technol...
AW9233 AWINIC-AW9233 Datasheet
2Mb / 48P
   3-Key Capacitive Touch Controller Integrated with 3-LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com