Electronic Components Datasheet Search |
|
112036-0058 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
112036-0058 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page Industrially hardened, managed and unmanaged Ethernet switches provide reliable, robust performance across complex networks in a wide range of control and monitoring applications Industrial-control applications require complex networks with high data-rates and time- sensitive devices whilst harsh environments on the plant floor create vibration, heat and other hazards. Direct-Link® Ethernet switches meet the 3 main challenges posed by industrial Ethernet applications: determinism, robustness and integration. Determinism is the assurance that control communication will occur in a set period of time. Delivery of information in the prescribed time requires the use of industrialized protocols: EtherNet/IP*, PROFINET† or Modbus TCP‡. Unmanaged, standard duty (SD) switches in tough, Lexan plastic enclosures provide a cost-effective network solution for a multitude of low-end applications. Heavy-duty (HD) aluminum enclosures with wide temperature operation are the solution for tougher industrial applications. Easy configuration of managed switches with advanced flexibility and diagnostics provides a superior user experience. For additional information visit: www.molex.com/link/bradindethernet.html. Brad® Direct-Link® Industrial Ethernet Switches 112036 Series 200 Unmanaged Switches Series 300 Managed Switches FEATURES AND BENEFITS Direct-Link® Industrial Ethernet Switches MARKETS AND APPLICATIONS • Automotive • Semiconductor • Material handling • Water and wastewater • Pulp and paper • Food and beverage • Mining and metal • HMI/SCADA systems •Industrial I/O connections • Robot cell control • Packaging line control systems • Substation control • Plug-and-play simplicity at power up • Transparent bridging • Supports all standard IEEE 802.3 protocols • IP30 or IP40 enclosure designs for DIN-rail or direct-panel mounting • UL508 and UL1604 approved • IGMP (Internet Group Management Protocol) • VLAN (Virtual Local Area Networks) • Real-Time Ring™ • SNMPv1 and v2 and SNMPv3 (Simplified Network Management Protocol) • QoS/CoS (Priority Queuing) • Easy configuration via web,Telnet or CLI (Command-Line Interface) • No software or configuration required; fast and easy integration • Receives message from source and transmits it only to the frame destination port • Ensures reliable performance • Rugged cases with flexible mounting options to suit customer applications • Broad industry acceptance • Multicast filtering; saves downstream devices from dealing with unneeded traffic • Convenient, programmable traffic segregation • Redundant ring with rapid recovery for minimum interruption • Network management tools for monitoring and configuration • Authentication and encryption for security • Supports real-time operation • Remote access saves time on set-up MANAGED and UNMANAGED SWITCHES MANAGED SWITCHES *EtherNet/IP is a trademark of ODVA. †PROFINET is a trademark of PROFIBUS International (PI) . ‡Modbus TCP is a trademark of Modbus IDA |
Similar Part No. - 112036-0058 |
|
Similar Description - 112036-0058 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |