Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112036-0056 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 112036-0056
Description  Series 200 Unmanaged Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

112036-0056 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  112036-0056 Datasheet HTML 1Page - Molex Electronics Ltd. 112036-0056 Datasheet HTML 2Page - Molex Electronics Ltd. 112036-0056 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Brad® Direct-Link®
Industrial Ethernet
Switches
112036 Series 200 Unmanaged Switches
Series 300 Managed Switches
SPECIFICATIONS
Unmanaged Plastic Case
(DRL-2xxP)
Unmanaged Metal Case
(DRL-2xxM)
Managed
5 to 8 port
Managed 16/18 port
Ethernet protocols supported
IEEE 802.3 protocols
RJ45 ports
10/100 Mbps auto-detecting, full or half duplex,
auto-mdi/mdix-crossover, auto-polarity
Ports 1-16 are 10/100 Base TX
Ports 17-18 are 10/100/1000 Base TX
Fiber optic ports
100 Mbps, full duplex, SC or ST connector
1000 Mbps LC
Fiber optic multimode
4 km typical, 1310 nm, for 50-62.5/125 um fiber
0.55 km, 850 nm, 50-62.5/125 um
Fiber optic singlemode
20 km typical, 1310 nm, for 9-10/125 um fiber
10 km, 1310 nm, 9-10/125 um
Typical Latency
5 us for 100 Mbps (plus frame time)
16 us for 10 Mbps (plus frame time)
Ethernet Isolation
1500 Vrms 1 minute
MAC addresses supported
1024
2048
8192
Memory bandwidth
3.2 Gbps
32 Gbps
Input voltage
10 – 30V DC, dual redundant power inputs, reverse polarity protection
Power consumption (all ports active)
2.0 to 5.0W
3.6 to 6.3W
8.0 to 10.0W
Industrial surge and
spike protection
Transient: 15,000W peak
Spike: 5,000W (10 times for 10 us)
Alarm output
Same voltage as power input
0.5A max.
Unmanaged Plastic Case
(DRL-2xxP)
Unmanaged Metal Case
(DRL-2xxM)
Managed 5-8
port
Managed 16/18 port
Operating temperature
-10 to +60°C
-40 to +85°C
-40 to +75°C
Storage temperature
-40 to +85°C
Enclosure rating
IP30
IP40
IP30
IP40
Enclosure dimensions
5 port: 2.54cm (1.00") wide
10.03cm (3.95") high
8.28cm (3.26") deep
8 port: 3.81cm (1.50") wide
10.03cm (3.95") high
8.28cm (3.26") deep
5 port: 2.71cm (1.07") wide
13.21cm (5.20") high
10.69cm (4.21") deep
8 port: 4.07cm (1.60") wide
13.21cm (5.20") high
10.69cm (4.21") deep
16 port: 5.40cm (2.13") wide
15.29cm (6.02") high
11.80cm (4.65") deep
18 port: 7.31cm (2.88") wide
15.29cm (6.02") high
11.80cm (4.65") deep
Humidity
5 to 95% RH (non-condensing)
Vibration and shock
IEC60068-2-6, -27 and -32
Electrical safety
UL508, CSA C22.2/14, EN61010-1, CE
EMC
FCC part 15, ICES-003, EN610006-2/4, CE
Hazardous locations
UL 1604, CSA C22.2/213 (Class I, Div 2, Groups) EN60079-15 (Zone 2, Category 3), CE (ATEX)
RoHS
Yes


Similar Part No. - 112036-0056

ManufacturerPart #DatasheetDescription
logo
Lapp.
1120360 LAPP-1120360 Datasheet
237Kb / 5P
   ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
logo
Weidmuller
1120360000 WEIDMULLER-1120360000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
Molex Electronics Ltd.
1120360002 MOLEX-1120360002 Datasheet
31Kb / 1P
   Industrial Ethernet to Fiber Rail Converter, 1 RJ45 to 1 Multi Mode 100 Base FX, SC Connector
05/11/2011
1120360035 MOLEX-1120360035 Datasheet
57Kb / 1P
   Direct-Link Series 200 Unmanaged Ethernet Switch, 5-Port RJ45, IP30
04/10/2019
1120360036 MOLEX-1120360036 Datasheet
57Kb / 1P
   Direct-Link Series 200 Unmanaged Ethernet Switch, 5-Port RJ45, IP40
04/10/2019
More results

Similar Description - 112036-0056

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-5ES-1 REDLION-SLX-5ES-1 Datasheet
934Kb / 2P
   Unmanaged Ethernet Switches
SLX-6ES-4SC REDLION-SLX-6ES-4SC Datasheet
488Kb / 2P
   Unmanaged Industrial Ethernet Switches
logo
Moxa Inc.
EDS-2016-ML MOXA-EDS-2016-ML Datasheet
1,003Kb / 4P
   16-port unmanaged Ethernet switches
EDS-309 MOXA-EDS-309 Datasheet
732Kb / 4P
   9-port unmanaged Ethernet switches
EDS-305 MOXA-EDS-305 Datasheet
794Kb / 5P
   5-port unmanaged Ethernet switches
EDS-308 MOXA-EDS-308 Datasheet
830Kb / 5P
   8-port unmanaged Ethernet switches
logo
List of Unclassifed Man...
HES5A-4E ETC2-HES5A-4E Datasheet
571Kb / 3P
   5-port Unmanaged Ethernet Switches
logo
Moxa Inc.
EDS-316 MOXA-EDS-316 Datasheet
743Kb / 5P
   16-port unmanaged Ethernet switches
EDS-208A MOXA-EDS-208A Datasheet
709Kb / 5P
   8-port compact unmanaged Ethernet switches
logo
National Instruments Co...
UES-3880 NI-UES-3880 Datasheet
1Mb / 6P
   Industrial Ethernet Switches - Managed and Unmanaged
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com