Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2108 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL2108
Description  GreenChip controller for LED lighting
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2108 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL2108 Datasheet HTML 6Page - NXP Semiconductors SSL2108 Datasheet HTML 7Page - NXP Semiconductors SSL2108 Datasheet HTML 8Page - NXP Semiconductors SSL2108 Datasheet HTML 9Page - NXP Semiconductors SSL2108 Datasheet HTML 10Page - NXP Semiconductors SSL2108 Datasheet HTML 11Page - NXP Semiconductors SSL2108 Datasheet HTML 12Page - NXP Semiconductors SSL2108 Datasheet HTML 13Page - NXP Semiconductors SSL2108 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
10 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
8.9 VCC regulator
During supply dips, the input voltage can drop too low to supply the required IC current
through the DVDT pin. Under these conditions, if the VCC voltage drops lower than
VCC(swon)reg level, another regulator with a current capability of up to IHVhigh(oper) is started.
The job of the regulator is to fill in the required supply current, which the DVDT supply
does not deliver preventing the IC going into UVLO. When the VCC voltage is higher than
VCC(swon)reg level, the regulator is turned off.
8.10 NTC functionality and PWM dimming
The NTC pin can be used as a control method for LED thermal protection. Alternatively,
the pin can be used as an input to disable/enable light output using a digital signal (PWM
dimming). The pin has an internal current source that generates the current of Ioffset(NTC).
An NTC resistor to monitor the LED temperature can be directly connected to the NTC
pin. Depending on the resistance value and the corresponding voltage on the NTC pin,
the converter reacts as shown in Figure 6.
When the voltage on the NTC pin is higher than Vth(high)NTC see Figure 6 (4), the converter
delivers nominal output current. When the voltage is lower than this level, the peak current
is gradually reduced until Vth(low)NTC is reached, see Figure 6 (3). The peak current is now
half the peak current of nominal operation. When Vact(tmr)NTC is passed, see Figure 6 (2) a
timer starts to run to distinguish between the following situations:
If the low-level Vdeact(tmr)NTC is not reached within time tto(deact)NTC, Figure 6 (1) LED
overtemperature is detected. The IC stops switching and attempts to restart from the
HV pin voltage. Restart takes place when the voltage on NTC pin is higher than
Vth(high)NTC, see Figure 6 (4). It is assumed that the reduction in peak current did not
result in a lower NTC temperature and LED OTP is activated.
If the low-level Vdeact(tmr)NTC is reached within the time tto(deact)NTC, Figure 6 (1) it is
assumed that the pin is pulled down externally. The restart function is not triggered.
Instead, the output current is reduced to zero. PWM dimming can be implemented this
way. The output current rises again when the voltage is higher than Vdeact(tmr)NTC.
Fig 6.
NTC control curve
001aan700
2
3
4
5
Ipk
Peak current
Ipk / 2
Vth(ocp)SOURCE = 500 mV
Vth(ocp)SOURCE = 250 mV
VNTC
1


Similar Part No. - SSL2108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL21081AT PHILIPS-SSL21081AT Datasheet
212Kb / 22P
   Compact non-dimmable LED driver IC
Rev. 6-3 October 2013
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
   GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL21081_JP PHILIPS-SSL21081_JP Datasheet
668Kb / 21P
   ?녈꺍?묆궚?덆씆沃욕뀎LED ?㎪삇?ⓦ깋?⒲궎?
Rev. 1-5 June 2013
SSL21082T PHILIPS-SSL21082T Datasheet
846Kb / 24P
   GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
   Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
More results

Similar Description - SSL2108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2109T NXP-SSL2109T Datasheet
589Kb / 19P
   GreenChip controller for LED lighting
Rev. 2-26 April 2012
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
   GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com