Electronic Components Datasheet Search |
|
LM2903ITL Datasheet(PDF) 6 Page - Texas Instruments |
|
LM2903ITL Datasheet(HTML) 6 Page - Texas Instruments |
6 / 17 page Electrical Characteristics (Continued) on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than −0.3V. Note 4: These specifications are limited to −55˚C ≤TA≤+125˚C, for the LM193/LM193A. With the LM293 all temperature specifications are limited to −25˚C ≤TA≤+85˚C and the LM393 temperature specifications are limited to 0˚C≤TA≤+70˚C. The LM2903 is limited to −40˚C≤TA≤+85˚C. Note 5: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the outputso no loading change exists on the reference or input lines. Note 6: The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V+−1.5V at 25˚C, but either or both inputs can go to 36V without damage, independent of the magnitude of V+. Note 7: The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see typical performance characteristics section. Note 8: Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than −0.3V (or 0.3V below the magnitude of the negative power supply, if used). Note 9: At output switch point, VO.1.4V, RS=0Ω with V + from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25˚C. Note 10: Refer to RETS193AX for LM193AH military specifications and to RETS193X for LM193H military specifications. Ordering Information Package Temperature Range Part Number NSC Drawing 8-Pin Metal Can −55˚C to 125˚C LM193H* H08C LM193H/883 LM193H-MLS LM193AH-MLS LM193AH-QMLV** LM193AH LM193AH/883 −25˚C to 85˚C LM293H 0˚C to 70˚C LM393H 8-Pin Ceramic DIP −55˚C to 125˚C LM193J/883* J08A LM193AJ/883 LM193AJ-QMLV** LM193AJ-MLS 8-Pin Molded DIP 0˚C to 70˚C LM393N N08E −40˚C to 85˚C LM2903N 8-Pin SOIC 0˚C to 70˚C LM393M M08A LM393MX −40˚C to 85˚C LM2903M LM2903MX 8-Bump (12 mils) micro SMD 0˚C to 70˚C LM393TL TLA08AAA LM393TLX −40˚C to 85˚C LM2903ITL LM2903ITLX Note: * Also available per LM38510/11202 Note: ** See STD Mil DWG 5962-94526 www.national.com 5 |
Similar Part No. - LM2903ITL |
|
Similar Description - LM2903ITL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |