Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7Y028C Datasheet(PDF) 5 Page - TDK Electronics

Part # U7Y028C
Description  300W Convection / 400W Fan Cooled Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

U7Y028C Datasheet(HTML) 5 Page - TDK Electronics

  U7Y028C Datasheet HTML 1Page - TDK Electronics U7Y028C Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
//htmlimg2.alldatasheet.net/htmldatasheet2/462632/TDK/U7Y028C/294/5/U7Y028C.png


Similar Part No. - U7Y028C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
U7Y0032 TDK-U7Y0032 Datasheet
232Kb / 2P
   AC-DC Power Supplies
U7Y0054 TDK-U7Y0054 Datasheet
232Kb / 2P
   AC-DC Power Supplies
U7Y0087 TDK-U7Y0087 Datasheet
232Kb / 2P
   AC-DC Power Supplies
U7Y0098 TDK-U7Y0098 Datasheet
232Kb / 2P
   AC-DC Power Supplies
U7Y0101 TDK-U7Y0101 Datasheet
232Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - U7Y028C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS300BAF TDK-ZWS300BAF Datasheet
1Mb / 2P
   300W Single Output, Convection Cooled Power Supplies
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com