Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931CM
Description  Series Low Dropout Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CM Datasheet(HTML) 4 Page - Texas Instruments

  LM2931CM Datasheet HTML 1Page - Texas Instruments LM2931CM Datasheet HTML 2Page - Texas Instruments LM2931CM Datasheet HTML 3Page - Texas Instruments LM2931CM Datasheet HTML 4Page - Texas Instruments LM2931CM Datasheet HTML 5Page - Texas Instruments LM2931CM Datasheet HTML 6Page - Texas Instruments LM2931CM Datasheet HTML 7Page - Texas Instruments LM2931CM Datasheet HTML 8Page - Texas Instruments LM2931CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2931-N
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Input Voltage
Operating Range
26V
Overvoltage Protection
LM2931A, LM2931C (Adjustable)
60V
LM2931-N
50V
Internal Power Dissipation
(3) (4)
Internally Limited
Operating Ambient Temperature
Range
−40°C to +85°C
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
230°C
ESD Tolerance (5)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
See circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
(4)
The maximum power dissipation is a function of maximum junction temperature TJmax, total thermal resistance θJA, and ambient
temperature TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJmax − TA)/θJA. If this dissipation is
exceeded, the die temperature will rise above 150°C and the LM2931-N will go into thermal shutdown. For the LM2931-N in the TO-92
package,
θJA is 195°C/W; in the SOIC-8 package, θJA is 160°C/W, and in the TO-220 package, θJA is 50°C/W; in the DDPAK/TO-263
package,
θJA is 73°C/W; and in the 6-Bump DSBGA package θJA is 290°C/W. If the TO-220 package is used with a heat sink, θJA is the
sum of the package thermal resistance junction-to-case of 3°C/W and the thermal resistance added by the heat sink and thermal
interface.If the TO-263 package is used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally
connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
(5)
Human body model, 100 pF discharged through 1.5 k
Ω.
ELECTRICAL CHARACTERISTICS FOR FIXED 3.3V VERSION
VIN = 14V, IO = 10mA, TJ = 25°C, C2 = 100μF (unless otherwise specified)
(1)
LM2931-N-3.3
Parameter
Conditions
Units
Limit
Typ
(2)
Output Voltage
3.3
3.465
VMAX
3.135
VMIN
4V
≤ VIN ≤ 26V, IO = 100 mA
3.630
VMAX
−40°C ≤ TJ ≤ 125°C
2.970
VMIN
Line Regulation
4V
≤ VIN ≤ 26V
4
33
mVMAX
Load Regulation
5mA
≤ IO ≤ 100mA
10
50
mVMAX
Output Impedance
100mADC and 10mArms,
200
m
Ω
100Hz - 10kHz
Quiescent Current
IO ≤ 10mA, 4V ≤ VIN ≤ 26V
0.4
1.0
mAMAX
−40°C ≤ TJ ≤ 125°C
IO = 100mA, VIN = 14V, TJ = 25°C
15
mA
Output Noise Voltage
10Hz -100kHz, COUT = 100μF
330
μVrms
Long Term Stability
13
mV/1000 hr
Ripple Rejection
fO = 120Hz
80
dB
(1)
See circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
(2)
All limits are specified for TJ = 25°C (standard type face) or over the full operating junction temperature range of −40°C to +125°C (bold
type face).
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2931-N


Similar Part No. - LM2931CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931CM NSC-LM2931CM Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931CM NSC-LM2931CM Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931CM TI1-LM2931CM Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931CM/NOPB TI1-LM2931CM/NOPB Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931CMX TI1-LM2931CMX Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
   Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
   Low Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
   Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
   Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com