Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R820AZP8 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69R820AZP8
Description  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R820AZP8 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69R820AZP8 Datasheet HTML 3Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 4Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 5Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 6Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 7Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 8Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 9Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 10Page - Motorola, Inc MCM69R820AZP8 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM69R738A
•MCM69R820A
7
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(0
°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
Input Pulse Levels
0 to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20% to 80%)
. . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.25 V
. . . . . . . . . . . . . .
Output Timing Reference Level
1.25 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Clock Input Timing Reference Level
Differential Cross–Point
. . . . . .
Clock Input Pulse Level
1.8 V to 2.1 V
. . . . . . . . . . . . . . . . . . . . . . . . .
R
θJA Device
TBD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Note 1)
MCM69R738A–5
MCM69R820A–5
MCM69R738A–6
MCM69R820A–6
MCM69R738A–7
MCM69R820A–7
MCM69R738A–8
MCM69R820A–8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Note
s
Cycle Time
tKHKH
5
6
7
8
ns
Clock High Pulse Width
tKHKL
2
2.4
2.8
3.2
ns
Clock Low Pulse Width
tKLKH
2
2.4
2.8
3.2
ns
Clock High to Output Low–Z
tKHQX1
1
1
1
1
ns
2, 3
Clock High to Output Valid
tKHQV
2.5
3
3.5
4
ns
Clock High to Output Hold
tKHQX
0.5
0.5
0.5
0.5
ns
2
Clock High to Output High–Z
tKHQZ
2.5
3
0
3.5
0
4
ns
2, 3
Output Enable Low to Output
Low–Z
tGLQX
0.5
0.5
0.5
0.5
ns
Output Enable Low to Output
Valid
tGLQV
2.5
3
3.5
4
ns
Output Enable to Output Hold
tGHQX
0.5
0.5
0.5
0.5
ns
Output Enable High to Output
High–Z
tGHQZ
2.5
3
3.5
4
ns
2, 3
Setup Times:
Address
Data In
Chip Select
Write Enable
tAVKH
tDVKH
tSVKH
tWVKH
0.5
0.5
0.5
0.5
ns
Hold Times:
Address
Data In
Chip Select
Write Enable
tKHAX
tKHDX
tKHSX
tKHWX
1
1
1
1
ns
NOTES:
1. In no case may control input signals (e.g., SS) be operated with pulse widths less than the minimum clock input pulse width specifications
(e.g., tKHKL) or at frequencies that exceed the applied K clock frequency.
2. This parameter is sampled and not 100% tested.
3. Measured at
± 200 mV from steady state.
The table of timing values shows either a minimum or
a maximum limit for each parameter. Input require-
ments are specified from the external system point of
view. Thus, address setup time is shown as a minimum
since the system must supply at least that much time
(even though most devices do not require it). On the oth-
er hand, responses from the memory are specified from
the device point of view. Thus, the access time is shown
as a maximum since the device never provides data lat-
er than that time.
TIMING LIMITS
DEVICE
UNDER
TEST
50
50
VDDQ/2
Figure 1. AC Test Load


Similar Part No. - MCM69R820AZP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R820C MOTOROLA-MCM69R820C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4 MOTOROLA-MCM69R820CZP4 Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4.4 MOTOROLA-MCM69R820CZP4.4 Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4.4R MOTOROLA-MCM69R820CZP4.4R Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4R MOTOROLA-MCM69R820CZP4R Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
More results

Similar Description - MCM69R820AZP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com