Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DIM3-1.2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041DIM3-1.2
Description  LM4041 Precision Micropower Shunt Voltage Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041DIM3-1.2 Datasheet(HTML) 3 Page - Texas Instruments

  LM4041DIM3-1.2 Datasheet HTML 1Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 2Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 3Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 4Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 5Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 6Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 7Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 8Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Connection Diagrams (Continued)
TO-92
01139203
01139232
Bottom View
See NS Package Number Z03A
Ordering Information
Reverse
Breakdown
Voltage
Tolerance at 25˚C
and Average
Reverse
Breakdown
Voltage
Temperature
Coefficient
Package
NS
Package
Number
M3 (SOT-23)
M7 (SC70)
Z (TO-92)
Supplied as 1000
Units Tape and
Reel
Supplied as 3000
Units Tape and
Reel
Supplied as 1000
Units Tape and
Reel
Supplied as 3000
Units Tape and
Reel
±0.1%, 100
ppm/˚C max (A
grade)
LM4041AIM3-1.2
LM4041AIM3X-1.2
LM4041AIZ-1.2
MF03A,
Z03A
±0.2%, 100
ppm/˚C max (B
grade)
LM4041BIM3-1.2
LM4041BIM3X-1.2
LM4041BIM7-1.2
LM4041BIM7X-1.2
LM4041BIZ-1.2
MF03A,
Z03A,
MAA05A
±0.5%, 100
ppm/˚C max (C
grade)
LM4041CEM3-1.2
LM4041CIM3-1.2
LM4041CEM3-ADJ
LM4041CIM3-ADJ
LM4041CEM3X-1.2
LM4041CIM3X-1.2
LM4041CEM3X-ADJ
LM4041CIM3X-ADJ
LM4041CIM7-1.2
LM4041CIM7-ADJ
LM4041CIM7X-1.2
LM4041CIM7X-ADJ
LM4041CIZ-1.2
LM4041CIZ-ADJ
MF03A,
Z03A,
MAA05A
±1.0%, 150
ppm/˚C max (D
grade)
LM4041DEM3-1.2
LM4041DIM3-1.2
LM4041DEM3-ADJ
LM4041DIM3-ADJ
LM4041DEM3X-1.2
LM4041DIM3X-1.2
LM4041DEM3X-ADJ
LM4041DIM3X-ADJ
LM4041DIM7-1.2
LM4041DIM7-ADJ
LM4041DIM7X-1.2
LM4041DIM7X-ADJ
LM4041DIZ-1.2
LM4041DIZ-ADJ
MF03A,
Z03A,
MAA05A
±2.0%, 150
ppm/˚C max (E
grade)
LM4041EEM3-1.2
LM4041EIM3-1.2
LM4041EEM3X-1.2
LM4041EIM3X-1.2
LM4041EIM7-1.2
LM4041EIM7X-1.2
LM4041EIZ-1.2
MF03A,
Z03A,
MAA05A
www.national.com
2


Similar Part No. - LM4041DIM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041DIM3-1.2 NSC-LM4041DIM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4041DIM3-1.2 MICREL-LM4041DIM3-1.2 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
LM4041DIM3-1.2 MICREL-LM4041DIM3-1.2 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041DIM3-1.2 TI1-LM4041DIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041DIM3-1.2 TI1-LM4041DIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041DIM3-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com