Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2035366-4 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2035366-4
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2035366-4 Datasheet(HTML) 4 Page - Tyco Electronics

  2035366-4 Datasheet HTML 1Page - Tyco Electronics 2035366-4 Datasheet HTML 2Page - Tyco Electronics 2035366-4 Datasheet HTML 3Page - Tyco Electronics 2035366-4 Datasheet HTML 4Page - Tyco Electronics 2035366-4 Datasheet HTML 5Page - Tyco Electronics 2035366-4 Datasheet HTML 6Page - Tyco Electronics 2035366-4 Datasheet HTML 7Page - Tyco Electronics 2035366-4 Datasheet HTML 8Page - Tyco Electronics 2035366-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Size 16 Terminal Selection Guide
AMPSEAL 16 Connector System
Contact System
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-4
The Terminal Summary Chart can be used as a quick guide to determine the part number for a particular
application based on the following:
1) Insulation Barrel preference; 2) Plating preference; 3) Wire Size; and 4) Insulation Diameter.
Size 16 Terminal Summary Chart
Plating
Au
Ni
Plating
Au
Ni
Insulation Diameter
Range
Inch
mm
Terminal
Part Number
(Reeled)
Wire Size
(AWG)
Terminal
Part Number
(Loose-Piece)
Pin with Insulation Barrel
1924463
-1
-3
20–18
0.050–0.107
1.27–2.72
1924579
-1
-3
Socket with Insulation Barrel
1924464
-1
-2
20–18
0.050–0.107
1.27–2.72
1924580
-1
-2
Pin with Insulation Barrel
638078
-1
-3
18–14
0.089–0.131
2.26–3.33
776300
-1
-2
Socket with Insulation Barrel
776492
-1
-2
18–14
0.089–0.131
2.26–3.33
776299
-1
-2
Pin without Insulation Barrel
638112
-1
-3
18–14
0.077–0.155
1.96–3.94
776298
-1
-2
Socket without Insulation Barrel
776491
-1
-2
18–14
0.077–0.155
1.96–3.94
776297
-1
-2
) 14 AWG (SXL) wire not recommended for crimping on terminals with an Insulation Barrel.
The Terminal / Wire Selection for Connector Wire Seal Chart can be used as a guide to determine the following:
1) Wire Size and Insulation Type; 2) Nominal Insulation Diameter; 3) Recommended Terminal Part Number;
and 4) Recommended Connector Wire Seal. For questions and concerns, please consult a Tyco Electronics
Product Specialist.
Size 16 Terminal / Wire Selection for Connector Wire Seal Chart
Wire Size
(Insulation
Type)
Insulation Diameter
(Nominal)
(mm)
(Inch)
Terminal Part Number (Reeled)
1924463
1924464
638078
776492
638112
776491
(Pin)
(Socket)
(Pin)
(Socket)
(Pin)
(Socket)
Connector Wire Seal
Standard
Reduced
Diameter
Diameter
(mm)
(mm)
2.18–3.67
1.30–2.54
0.5 mm2 (TXL)
1.78
0.070
✔✔
0.5 mm2 (GXL)
2.22
0.087
✔✔
0.5 mm2 (SXL)
2.55
0.100
✔✔
20 AWG (TXL)
1.78
0.070
✔✔
20 AWG (GXL)
2.16
0.085
✔✔
20 AWG (SXL)
2.44
0.096
✔✔
18 AWG (TXL)
1.98
0.078
✔✔
✔✔
18 AWG (GXL)
2.34
0.092
✔✔✔✔✔✔
18 AWG (SXL)
2.72
0.107
✔✔✔✔
1.0 mm2 (TXL)
2.28
0.090
✔✔
1.0 mm2 (GXL)
2.72
0.107
✔✔✔✔
1.0 mm2 (SXL)
3.15
0.124
✔✔✔✔
16 AWG (TXL)
2.24
0.088
✔✔
16 AWG (GXL)
2.62
0.103
✔✔✔✔
16 AWG (SXL)
3.05
0.120
✔✔✔✔
2.0 mm2 (TXL)
2.58
0.102
✔✔✔✔
2.0 mm2 (GXL)
3.02
0.119
✔✔✔✔
2.0 mm2 (SXL)
3.65
0.144
✔✔
14 AWG (TXL)
2.62
0.103
✔✔✔✔
14 AWG (GXL)
2.97
0.117
✔✔✔✔
14 AWG (SXL)
3.58
0.141
✔✔
Note: Insulation Diameter (Nominal) accuracy not guaranteed.


Similar Part No. - 2035366-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2035366-4 TEC-2035366-4 Datasheet
864Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2035366-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com