Electronic Components Datasheet Search |
|
2035366-7 Datasheet(PDF) 5 Page - Tyco Electronics |
|
2035366-7 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 34 page Receptacle Contacts (Sockets) AMPSEAL 16 Connector System Contact System Section Catalog 1654281-2. Revised 12-2009. Main Catalog 1654400-1 Chapter 30 – Issued 3-2010. All specifications subject to change. Consult Tyco Electronics for latest specifications. 30-5 Technical Features Contact Material: Copper Alloy Contact Finish: Gold or Nickel Wire Size Range: 0.5 – 2.0 mm2 (20 –14 AWG) Insulation Diameter: 1.27– 3.67 mm Current Carrying Capacity: 13 amps Temperature Range –40 °C to +125 °C Product Specification: 108-2184 Application Specification: 114-13045 Material and Finish Part Numbers Strip Package Loose- Package Applicator Hand Tool Form Quantity Piece Quantity Receptacle Contacts with Wire Insulation Support Wire Size Range (mm2) (AWG) Insulation Diameter (mm) 0.5–0.8 20–18 1.27–2.72 Copper Alloy, Gold 1924464-1 4,000 1924580-1 1,000 Copper Alloy, Nickel 1924464-2 4,000 1924580-2 1,000 See Application Specification 0.8–2.0 18–14 2.26–3.33 Copper Alloy, Gold 776492-1 4,000 776299-1 1,000 114-13045 Copper Alloy, Nickel 776492-2 4,000 776299-2 1,000 Note: All Part Numbers are RoHS and ELV compliant. Material and Finish Part Numbers Strip Package Loose- Package Applicator Hand Tool Form Quantity Piece Quantity Receptacle Contacts without Wire Insulation Support Wire Size Range (mm2) (AWG) Insulation Diameter (mm) 0.8–2.0 18–14 2.18–3.67 Copper Alloy, Gold 776491-1 4,000 776297-1 1,000 See Application Specification Copper Alloy, Nickel 776491-2 4,000 776297-2 1,000 114-13045 Note: All Part Numbers are RoHS and ELV compliant. with Wire Insulation Support without Wire Insulation Support 2.82 2.82 21.59 18.34 |
Similar Part No. - 2035366-7 |
|
Similar Description - 2035366-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |