Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-2035366-0 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1-2035366-0
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-2035366-0 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1-2035366-0 Datasheet HTML 5Page - Tyco Electronics 1-2035366-0 Datasheet HTML 6Page - Tyco Electronics 1-2035366-0 Datasheet HTML 7Page - Tyco Electronics 1-2035366-0 Datasheet HTML 8Page - Tyco Electronics 1-2035366-0 Datasheet HTML 9Page - Tyco Electronics 1-2035366-0 Datasheet HTML 10Page - Tyco Electronics 1-2035366-0 Datasheet HTML 11Page - Tyco Electronics 1-2035366-0 Datasheet HTML 12Page - Tyco Electronics 1-2035366-0 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Introduction
AMPSEAL 16 Connector System
Housings and Connectors
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-9
Product Features
Integral PLR provides primary
latch reinforcement with no
additional assembly
Keyed / polarized,
prevents mismating
Integral CPA protects against
accidental unlocking
Attachment feature on pin
housing provides connector
clip mounting
Resistant to a wide range
of chemicals
RoHS and ELV compliant
Pin housing assemblies are
comprised of cap housing
with wire seal, wire seal cover,
and PLR. The single latch
design with anti-overstress
feature is only one of many
additional features. Both color
coding and physical keying
prevents mismating when
multiple housings of the same
position size are used in the
application.
The AMPSEAL 16 Receptacle
and Pin housings come fully
assembled, offering a one-
piece approach for applied
cost savings. Receptacle
housing assemblies consist of
the plug housing with both
interface and wire seals, wire
seal cover, PLR & CPA.
Thermoplastic housings
(–40 °C to +125 °C rated) and
silicone seals allow connec-
tors to withstand extreme
temperatures and moisture.


Similar Part No. - 1-2035366-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-2035366-0 TEC-1-2035366-0 Datasheet
864Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-2035366-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com