Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43793A2226Q000 Datasheet(PDF) 6 Page - EPCOS

Part # B43793A2226Q000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43793A2226Q000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43793A2226Q000 Datasheet HTML 2Page - EPCOS B43793A2226Q000 Datasheet HTML 3Page - EPCOS B43793A2226Q000 Datasheet HTML 4Page - EPCOS B43793A2226Q000 Datasheet HTML 5Page - EPCOS B43793A2226Q000 Datasheet HTML 6Page - EPCOS B43793A2226Q000 Datasheet HTML 7Page - EPCOS B43793A2226Q000 Datasheet HTML 8Page - EPCOS B43793A2226Q000 Datasheet HTML 9Page - EPCOS B43793A2226Q000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
250
22
14
× 30
B43693A2226Q007 B43693A2226Q009 B43793A2226Q000
47
18
× 30
B43693A2476Q007
B43793A2476Q000
68
18
× 39
B43693A2686Q007
B43793A2686Q000
100
21
× 39
B43693A2107Q007
B43793A2107Q000
130
21
× 49
B43693A2137Q007
B43793A2137Q000
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
40
°C
A
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,R
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
VR = 250 V DC
22
1400
2300
34.0
454
510
3.65
3.32
2.90
1.20
2.27
47
650
1100
16.0
222
246
5.43
4.95
4.35
1.78
3.38
68
450
750
11.0
154
171
7.36
6.71
5.90
2.41
4.58
100
300
520
7.5
102
114
10.16
9.26
8.15
3.33
6.33
130
240
400
6.0
79
88
12.89
11.75
10.35
4.23
8.03
B43693, B43793
High voltage
125
°C
Page 6 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43793A2226Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43793A2226Q000 EPCOS-B43793A2226Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793A2226Q000 EPCOS-B43793A2226Q000 Datasheet
419Kb / 14P
   Aluminum electrolytic capacitors
More results

Similar Description - B43793A2226Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com