Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

776537-3 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 776537-3
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

776537-3 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 776537-3 Datasheet HTML 2Page - Tyco Electronics 776537-3 Datasheet HTML 3Page - Tyco Electronics 776537-3 Datasheet HTML 4Page - Tyco Electronics 776537-3 Datasheet HTML 5Page - Tyco Electronics 776537-3 Datasheet HTML 6Page - Tyco Electronics 776537-3 Datasheet HTML 7Page - Tyco Electronics 776537-3 Datasheet HTML 8Page - Tyco Electronics 776537-3 Datasheet HTML 9Page - Tyco Electronics 776537-3 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin Contacts
AMPSEAL 16 Connector System
Contact System
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-6
Technical Features
Contact Material:
Copper Alloy
Contact Finish:
Gold or Nickel
Wire Size Range:
0.5 – 2.0 mm2 (20 –14 AWG)
Insulation Diameter:
1.27– 3.67 mm
Current Carrying Capacity:
13 amps
Temperature Range
–40 °C to +125 °C
Product Specification:
108-2184
Application Specification:
114-13045
Material
and Finish
Part Numbers
Strip
Package
Loose-
Package
Applicator
Hand Tool
Form
Quantity
Piece
Quantity
Pin Contacts with Wire Insulation Support
Wire Size
Range
(mm2)
(AWG)
Insulation
Diameter
(mm)
0.5–0.8
20–18
1.27–2.72
Copper Alloy, Gold
1924463-1
4,000
1924579-1
1,000
Copper Alloy, Nickel
1924463-3
4,000
1924579-3
1,000
See Application Specification
0.8–2.0
18–14
2.26–3.33
Copper Alloy, Gold
638078-1
4,000
776300-1
1,000
114-13045
Copper Alloy, Nickel
638078-3
4,000
776300-2
1,000
Note: All Part Numbers are RoHS and ELV compliant.
Material
and Finish
Part Numbers
Strip
Package
Loose-
Package
Applicator
Hand Tool
Form
Quantity
Piece
Quantity
Pin Contacts without Wire Insulation Support
Wire Size
Range
(mm2)
(AWG)
Insulation
Diameter
(mm)
0.8–2.0
18–14
2.18–3.67
Copper Alloy, Gold
638112-1
4,000
776298-1
1,000
See Application Specification
Copper Alloy, Nickel
638112-3
4,000
776298-2
1,000
114-13045
Note: All Part Numbers are RoHS and ELV compliant.
with Wire
Insulation Support
without Wire
Insulation Support
1.6
23.22
19.91
1.6


Similar Part No. - 776537-3

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7765-3-3 WINCHESTER-7765-3-3 Datasheet
96Kb / 2P
   TRI-LOC, SMPTE 304, PLUG
7765-4-3 WINCHESTER-7765-4-3 Datasheet
98Kb / 2P
   TRI-LOC, SMPTE 304, PLUG PRE-POLISHED
7765-400-F1101P WINCHESTER-7765-400-F1101P Datasheet
150Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG
7765-400-F1102P WINCHESTER-7765-400-F1102P Datasheet
126Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG, CABLE
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
More results

Similar Description - 776537-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com