Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

776538-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 776538-1
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

776538-1 Datasheet(HTML) 3 Page - Tyco Electronics

  776538-1 Datasheet HTML 1Page - Tyco Electronics 776538-1 Datasheet HTML 2Page - Tyco Electronics 776538-1 Datasheet HTML 3Page - Tyco Electronics 776538-1 Datasheet HTML 4Page - Tyco Electronics 776538-1 Datasheet HTML 5Page - Tyco Electronics 776538-1 Datasheet HTML 6Page - Tyco Electronics 776538-1 Datasheet HTML 7Page - Tyco Electronics 776538-1 Datasheet HTML 8Page - Tyco Electronics 776538-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Introduction
AMPSEAL 16 Connector System
Contact System
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-3
Product Features
1.58 mm Pin and Socket
System per MIL-C-39029
Lanceless design
Dual Beam Socket Contact
Wire Size Range
0.5–2.0 mm2 (20–14 AWG)
Wire Insulation 1.3–3.7 mm
Terminal Plating
Gold or Nickel
Current Rating
up to 13 amps
Vibration Performance
up to 35 G’s
RoHS and ELV compliant
The HDSF Size 16 Pin and
Socket contacts system is a
stamped and formed version
of the screw machine MIL-C-
39029 contacts.
The Tyco Electronics Size 16
contact system offers a thicker
and higher performance alloy
base metal, providing the
following superior benefits
over most of the competitive
stamped and formed size 16
contact systems.
1. Increased terminal/
beam strength
2. Greater resistance to
stress relaxation
3. Increased current carrying
ability due to lower T-Rise
(20 %)


Similar Part No. - 776538-1

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7765-3-3 WINCHESTER-7765-3-3 Datasheet
96Kb / 2P
   TRI-LOC, SMPTE 304, PLUG
7765-4-3 WINCHESTER-7765-4-3 Datasheet
98Kb / 2P
   TRI-LOC, SMPTE 304, PLUG PRE-POLISHED
7765-400-F1101P WINCHESTER-7765-400-F1101P Datasheet
150Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG
7765-400-F1102P WINCHESTER-7765-400-F1102P Datasheet
126Kb / 1P
   TRI LOCK SMPTE PANEL MOUNT 4 HOLE, PLUG, CABLE
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
More results

Similar Description - 776538-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com