Electronic Components Datasheet Search |
|
H810KFYA Datasheet(PDF) 2 Page - Tyco Electronics |
|
H810KFYA Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 4 page Characteristics - Electrical Typical Data Reference Voltage Coefficient of Less Than n/a Resistance (Between 10% 5ppm/Volt Applied and Full Rated Voltage) Insulation Resistance at Greater Than 1012 Ohms n/a 500 Volts Resistance to Soldering Less Than 0.05% BS CECC 40101 004 Heat (260°C for 10 Secs.) Para 4.15.2 Short Term Overload Less Than 0.06% BS CECC 40101 004 (6.25 Times Rated BS CECC Para 4.11 Wattage for 5 Seconds) Ambient Temperature -55°C to +155°C BS CECC 40101 004, Range BS CECC 40101 030 & Commercial Rapid Change of Less Than 0.04% BS CECC 40101 004 Temperature Para 4.16 (-55°C to +155°C, 5 cycles) Shelf Life Less Than 0.05% Per Annum n/a (at Normal Room Temp.) Vibration Less Than 0.04% BS CECC 40101 004 (10-500 HZ,Amplitude Para 4.19 0.75mm, or Acceleration 98m/s2 which is less severe, sweep duration 6 hours) Vibration Less Than 0.04% MIL STD 202 (55-2000 Hz Simple METHOD 204-C Harmonic Motion, Max.Acceleration 98m/s2, Duration 35±5 Minutes) Bump (390m/s2, Less Than 0.03% BS 2011 Part 2.1 Eb 1977 (1984) 4000 Bumps) Load Stability See Graphs n/a Damp Heat Steady State See Graph BS CECC 40101 004 Para 4.21 Axial Leaded Precision Resistors Type HOLCO Series 1773230 CIS BI 06/2011 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Temperature Coefficient / Tolerance Ranges TCR H4P H4 H8 ppm/°C 0.05% 0.1%-0.25% 0.5%-1.0% 0.05% 0.1%-0.25% 0.5%-1.0% 0.05% 0.1%-0.25% 0.5%-1.0% 5 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 15 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 10R-1M0 25 10R-1M0 10R-2M0 10R-2M0 10R-1M0 10R-2M0 10R-2M0 10R-1M0 10R-2M0 10R-2M0 50 10R-1M0 10R-2M0 10R-4M0 10R-1M0 10R-2M0 10R-4M0 10R-1M0 10R-2M0 10R-4M0 100 10R-1M0 1R0-2M0 1R0-4M0 10R-1M0 1R0-2M0 1R0-4M0 10R-1M0 1R0-2M0 1R0-4M0 Approved Value Ranges 40101-004, 40101-030 Type Style Style Z C D Y 004 030 100ppm 50ppm 25ppm 15ppm H4 K J 10R-1M0 49R9-1M0 49R9-1M0 49R9-1M0 H8 HJ H 10R-1M0 49R9-1M0 49R9-1M0 49R9-1M0 Tolerances 0.1%, 0.25%, 0.5%, 1% 40101-804 Type Style CD T 50ppm 25ppm 15ppm H4 B 49R9-1M0 49R9-1M0 49R9-1M0 H8 A 49R9-1M0 49R9-1M0 49R9-1M0 Tolerances 0.1%, 0.25%, 0.5%, 1% |
Similar Part No. - H810KFYA |
|
Similar Description - H810KFYA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |