Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41791A5408Q000 Datasheet(PDF) 7 Page - EPCOS

Part # B41791A5408Q000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41791A5408Q000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41791A5408Q000 Datasheet HTML 3Page - EPCOS B41791A5408Q000 Datasheet HTML 4Page - EPCOS B41791A5408Q000 Datasheet HTML 5Page - EPCOS B41791A5408Q000 Datasheet HTML 6Page - EPCOS B41791A5408Q000 Datasheet HTML 7Page - EPCOS B41791A5408Q000 Datasheet HTML 8Page - EPCOS B41791A5408Q000 Datasheet HTML 9Page - EPCOS B41791A5408Q000 Datasheet HTML 10Page - EPCOS B41791A5408Q000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
∇ Variant with different case dimensions
25
330
12
× 30
B41691A5337Q007 B41691A5337Q009 B41791A5337Q000
470
14
× 25
B41691A5477Q007 B41691A5477Q009 B41791A5477Q000
1000
16
× 30
B41691A5108Q007 B41691A5108Q009 B41791A5108Q000
1500
16
× 39
B41691A5158Q007
B41791A5158Q000
1500
18
× 30
B41691B5158Q007
B41791B5158Q000
1800
20
× 29
B41691A5188Q007
2000
18
× 39
B41691A5208Q007
B41791A5208Q000
3000
21
× 39
B41691A5308Q007
B41791A5308Q000
4000
21
× 49
B41691A5408Q007
B41791A5408Q000
40
330
12
× 30
B41691A7337Q007 B41691A7337Q009 B41791A7337Q000
470
14
× 30
B41691A7477Q007 B41691A7477Q009 B41791A7477Q000
680
16
× 30
B41691A7687Q007 B41691A7687Q009 B41791A7687Q000
1000
16
× 39
B41691A7108Q007
B41791A7108Q000
1000
18
× 30
B41691B7108Q007
B41791B7108Q000
1200
20
× 29
B41691A7128Q007
1500
18
× 39
B41691A7158Q007
B41791A7158Q000
2200
21
× 39
B41691A7228Q007
B41791A7228Q000
2700
21
× 49
B41691A7278Q007
B41791A7278Q000
63
100
12
× 30
B41691A8107Q007 B41691A8107Q009 B41791A8107Q000
150
14
× 25
B41691A8157Q007 B41691A8157Q009 B41791A8157Q000
220
14
× 30
B41691A8227Q007 B41691A8227Q009 B41791A8227Q000
470
16
× 39
B41691A8477Q007
B41791A8477Q000
470
18
× 30
B41691B8477Q007
B41791B8477Q000
560
20
× 29
B41691A8567Q007
680
18
× 39
B41691A8687Q007
B41791A8687Q000
1000
21
× 39
B41691A8108Q007
B41791A8108Q000
1200
21
× 49
B41691A8128Q007
B41791A8128Q000
B41691, B41791
Long useful life
up to 150
°C
Page 7 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41791A5408Q000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41791A5408Q001 TDK-B41791A5408Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41791A5408Q001 TDK-B41791A5408Q001 Datasheet
614Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41791A5408Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com