Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH273MNSREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH273MNSREP
Description  3.3-V ABT OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH273MNSREP Datasheet(HTML) 7 Page - Texas Instruments

  SN74LVTH273MNSREP Datasheet HTML 1Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 2Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 3Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 4Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 5Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 6Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 7Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 8Page - Texas Instruments SN74LVTH273MNSREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTH273IPWREP
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
SN74LVTH273MNSREP
SO
NS
20
2000
330.0
24.4
8.2
13.0
2.5
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1


Similar Part No. - SN74LVTH273MNSREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH273 TI-SN74LVTH273 Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273 TI1-SN74LVTH273 Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DB TI-SN74LVTH273DB Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DBLE TI-SN74LVTH273DBLE Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LVTH273DBLE TI1-SN74LVTH273DBLE Datasheet
1Mb / 18P
[Old version datasheet]   3.3-V ABT OCTALD-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74LVTH273MNSREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH273 TI-SN54LVTH273 Datasheet
315Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
NXP Semiconductors
74LVT273 NXP-74LVT273 Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com