Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH32373-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVTH32373-EP
Description  3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH32373-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVTH32373-EP Datasheet HTML 1Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 2Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 3Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 4Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH32373-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74LVTH32373EP
3.3V ABT 32BIT TRANSPARENT DTYPE LATCH
WITH 3STATE OUTPUTS
SCBS794 − DECEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Member of the Texas Instruments
Widebus+
 Family
D State-of-the-Art Advanced BiCMOS
Technology (ABT) Design for 3.3-V
Operation and Low Static-Power
Dissipation
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Supports Unregulated Battery Operation
Down To 2.7 V
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
terminal assignments
123456
A
1Q2
1Q1
1OE
1LE
1D1
1D2
B
1Q4
1Q3
GND
GND
1D3
1D4
C
1Q6
1Q5
1VCC
1VCC
1D5
1D6
D
1Q8
1Q7
GND
GND
1D7
1D8
E
2Q2
2Q1
GND
GND
2D1
2D2
F
2Q4
2Q3
1VCC
1VCC
2D3
2D4
G
2Q6
2Q5
GND
GND
2D5
2D6
H
2Q7
2Q8
2OE
2LE
2D8
2D7
J
3Q2
3Q1
3OE
3LE
3D1
3D2
K
3Q4
3Q3
GND
GND
3D3
3D4
L
3Q6
3Q5
2VCC
2VCC
3D5
3D6
M
3Q8
3Q7
GND
GND
3D7
3D8
N
4Q2
4Q1
GND
GND
4D1
4D2
P
4Q4
4Q3
2VCC
2VCC
4D3
4D4
R
4Q6
4Q5
GND
GND
4D5
4D6
T
4Q7
4Q8
4OE
4LE
4D8
4D7
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus+ is a trademark of Texas Instruments.
GKE PACKAGE
(TOP VIEW)
1
23456
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T


Similar Part No. - SN74LVTH32373-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH32373 TI-SN74LVTH32373 Datasheet
283Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH32373GKER TI-SN74LVTH32373GKER Datasheet
283Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH32373ZKER TI-SN74LVTH32373ZKER Datasheet
283Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH32373-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH32373 TI-SN74LVTH32373 Datasheet
283Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573-EP TI1-SN74LVTH573-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com