Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA63P02_R2_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJA63P02_R2_00001
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA63P02_R2_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJA63P02_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJA63P02_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJA63P02_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJA63P02_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJA63P02_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. PJA63P02_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 04,2011-REV.00
PJA63P02
RATING AND CHARACTERISTIC CURVES
stsnce vs. Drain current
Fig.5 On-Resistsnce vs. Drain current
40
50
60
70
80
90
100
1
1.5
2
2.5
3
3.5
4
4.5
5
-VGS, Gate-to-Source Voltage(V)
IDS=-2.0A
IDS=-3.3A
0
20
40
60
80
024
68
10
-IDS, Drain-to-Source Current(A)
VGS=-4.5V
VGS=-2.5V
Fig.4 On-Resistsnce VS Drain-Source current
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
-VGS, Gate-to-Source Voltage(V)
TA=25℃
TA=125℃
VDS=-5V
0
5
10
15
20
25
30
012
345
-VDS, Drain-to-Source Voltage(V)
VGS=-4.5V
VGS=-2V
VGS=-2.5V
VGS=-1.5V
VGS=-1V
-VDS, Drain to Source Voltage(V)
Fig.2 Drain-Source Current VS Drain-Source Voltage
VGS=-4.5V
ID=-3.3A
40
50
60
70
80
25
50
75
100
125
150
TJ, Junction Temperature (℃)
Fig.6 On-Resistsnce VS Junction Temperature
Fig.5 On-Resistsnce VS Gate-Source Voltage
Fig.3 Drain-Source Current VS Gate-Source Voltage
Fig.1 Capacitance Variation
0
200
400
600
800
1000
1200
1400
1600
1800
2000
036
9
12
Ciss
Coss
Crss
VGS=0V
F=1MHZ


Similar Part No. - PJA63P02_R2_00001

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PJA600F COSEL-PJA600F Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12 COSEL-PJA600F-12 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-C COSEL-PJA600F-12-C Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-F4 COSEL-PJA600F-12-F4 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-G COSEL-PJA600F-12-G Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
More results

Similar Description - PJA63P02_R2_00001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com