Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR23F Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SR23F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SR23F Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SR23F Datasheet HTML 1Page - Pan Jit International Inc. SR23F Datasheet HTML 2Page - Pan Jit International Inc. SR23F Datasheet HTML 3Page - Pan Jit International Inc. SR23F Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
February 09,2012-REV.01
SR22F SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0012 ounces, 0.0328 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1. Mounted on 48cm
2
FR-4 PCB.
VOLTAGE
20-60 Volts
2 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PAR AME T E R
S YMB OL
S R 22F
S R 23F
S R 24F
S R 25F
S R 26F
U N IT S
Re curre nt P e a k Re ve rs e Vo ltage
V
RRM
20
30
40
50
60
V
RMS Vo ltage
V
RMS
14
21
28
35
42
V
D C B locki ng Vo ltage
V
R
20
30
40
50
60
V
A ve rage F o rward C urrent
I
F(AV )
2.0
A
P e a k F o rward S urg e C urrent : 8.3ms si ng le ha lf si ne -wave
superi mposed on ra ted lo a d (J E D E C me thod )
I
FS M
50
A
F o rwa rd Vo ltage at 2.0A
V
F
0.5
0 .7
V
D C Re ve rs e C urrent at Ra te d
D C B locki ng Vo ltage
T
J =2 5
OCI
R
0.1
mA
Typi cal Junc ti on ca paci tance
V R=4 V,1 MHZ
C
J
98
76
pF
Typi cal Therma l Re si stance ,J unc ti on to L ead (Note 1)
J unc ti o n to A mb i e nt (No te 1 )
R
θJL
R
θJA
20
83
OC / W
Operati ng Junc ti on Te mperature and S tora ge Te mperature Ra ng e
T
J ,T STG
-55 to +150
OC


Similar Part No. - SR23F

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR23 MOSPEC-SR23 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Monolithic Power System...
SR23 MPS-SR23 Datasheet
253Kb / 10P
   2A, 380 KHz Step-Down Converter
SR23 MPS-SR23 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
logo
Won-Top Electronics
SR23 WTE-SR23 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR23F

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com