Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH162245IDGGREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH162245IDGGREP
Description  3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162245IDGGREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVTH162245IDGGREP Datasheet HTML 1Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74LVTH162245EP
3.3V ABT 16BIT BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCBS782A − NOVEMBER 2003 − JULY 2006
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
V
A port
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC − 0.2
A port
VCC = 3 V,
IOH = −12 mA
2
VOH
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC − 0.2
V
VOH
B port
VCC = 2.7 V,
IOH = −8 mA
2.4
V
B port
VCC = 3 V,
IOH = −32 mA
2
A port
VCC = 2.7 V to 3.6 V,
IOL = 100 µA
0.2
A port
VCC = 3 V,
IOL = 12 mA
0.8
VCC = 2.7 V
IOL = 100 µA
0.2
VOL
VCC = 2.7 V
IOL = 24 mA
0.5
V
VOL
B port
IOL = 16 mA
0.4
V
B port
VCC = 3 V
IOL = 32 mA
0.5
VCC = 3 V
IOL = 64 mA
0.55
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
Control inputs
VCC = 0 V or 3.6 V,
VI = 5.5 V
10
II
VI = 5.5 V
20
µA
II
A or B port‡
VCC = 3.6 V
VI = VCC
5
µA
A or B port‡
VCC = 3.6 V
VI = 0
−10
Ioff
VCC = 0 V,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
II(hold) A or B port
VCC = 3 V
VI = 2 V
−75
µA
II(hold) A or B port
VCC = 3.6 V§,
VI = 0 to 3.6 V
500
−750
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
IOZPD
VCC = 1.5 V to 0 V, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
VCC = 3.6 V, IO = 0 V,
Outputs high
0.19
ICC
VCC = 3.6 V, IO = 0 V,
VI = VCC or GND
Outputs low
5
mA
ICC
VI = VCC or GND
Outputs disabled
0.19
mA
∆ICC¶
VCC = 3 V to 3.6 V, One input at
VCC − 0.6 V, Other inputs at
SN74LVTH162245I
0.2
mA
∆ICC¶
CC
VCC − 0.6 V, Other inputs at
VCC or GND
SN74LVTH162245M
0.3
mA
Ci
VI = 3 V or 0 V
4
pF
Cio
VO = 3 V or 0 V
10
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ Unused pins at VCC or GND
§ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


Similar Part No. - CLVTH162245IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH162240IDGGREP TI1-CLVTH162240IDGGREP Datasheet
299Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVTH162244IDGGREP TI1-CLVTH162244IDGGREP Datasheet
298Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH162245IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTH32245 TI-SN74LVTH32245 Datasheet
277Kb / 10P
[Old version datasheet]   3.3 V ABT BUS TRANSCEIVER WITH 3 STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com