Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTZ240 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVTZ240
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTZ240 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVTZ240 Datasheet HTML 1Page - Texas Instruments SN74LVTZ240 Datasheet HTML 2Page - Texas Instruments SN74LVTZ240 Datasheet HTML 3Page - Texas Instruments SN74LVTZ240 Datasheet HTML 4Page - Texas Instruments SN74LVTZ240 Datasheet HTML 5Page - Texas Instruments SN74LVTZ240 Datasheet HTML 6Page - Texas Instruments SN74LVTZ240 Datasheet HTML 7Page - Texas Instruments SN74LVTZ240 Datasheet HTML 8Page - Texas Instruments SN74LVTZ240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54LVTZ240, SN74LVTZ240
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS301B − SEPTEMBER 1993 − REVISED JULY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTZ240
SN74LVTZ240
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = MIN to MAX‡, IOH = −100 µA
VCC −0.2
VCC −0.2
VOH
VCC = 2.7 V,
IOH = − 8 mA
2.4
2.4
V
VOH
VCC = 3 V
IOH = − 24 mA
2
V
VCC = 3 V
IOH = − 32 mA
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 0 or MAX‡,
VI = 5.5 V
10
10
II
VI = VCC or GND
Control inputs
±1
±1
A
II
VCC = 0 to 3.6 V
VI = VCC
Data inputs
1
1
µA
VCC = 0 to 3.6 V
VI = 0
Data inputs
−5
−5
Ioff
VCC = 0 V,
VI or VO = 0 to 4.5 V
±100
µA
IOZPU§
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = X
±50
µA
IOZPD§
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = X
±50
µA
II(hold)
VCC = 3 V
VI = 0.8 V
A inputs
75
75
A
II(hold)
VCC = 3 V
VI = 2 V
A inputs
−75
−75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−5
−5
µA
Outputs high
0.12
0.5
0.12
0.225
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
8.6
14
8.6
12
mA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs
disabled
0.12
0.5
0.12
0.225
mA
∆ICC¶
VCC = 3 V to 3.6 V,
One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.3
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Co
VO = 3 V or 0
8
8
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ This parameter is specified by characterization.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTZ240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTZ240 TI-SN74LVTZ240 Datasheet
218Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN74LVTZ240DBLE TI1-SN74LVTZ240DBLE Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN74LVTZ240DW TI1-SN74LVTZ240DW Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN74LVTZ240DWR TI1-SN74LVTZ240DWR Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
More results

Similar Description - SN74LVTZ240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com