Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54TB_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT54TB_R1_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54TB_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT54TB_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAT54TB_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAT54TB_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAT54TB_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 11,2012_REV.04
BAT54TB/ATB/CTB/RTB/STB
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
30 Volts
0.2 Amperes
MECHANICALDATA
Case: SOT-523, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.002 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
CURRENT
PAR AME T E R
SYMB OL
BAT 5 4 T B B AT5 4ATB B AT54 C TB B AT5 4R TB BAT 5 4 S T B UNIT S
Marking code
-
LV
LW
LX
LG
LY
-
Peak Repetitive Reverse Voltage
V
RRM
30
V
Average Forward Current
IO
0.2
A
Peak Forward Surge Current, 1.0s (JEDEC method)
I
FSM
0.6
A
Instantaneous Forward Voltage at IF=1mA
at IF=100mA
V
F
0.32
1.0
V
D C Reverse Current at Rated DC Blocking Voltage@VR=25V
I
R
2.0
μA
Typical Junction Capacitance at VR=0V, f=1.0MHz
C
J
10
pF
Typical Thermal Resistance, Junction to Ambient (Note 1)
RθJA
833
O
C/ W
Operating Junction and Storage Temperature Range
T
J, TSTG
-55 to +125
O
C
Circuit Figure
-
Single
Common
Anode
Common
Cathode
Series
(Rev)
Series
-
Note :
1. Mounted on minimum pad layout.
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - BAT54TB_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TB_R1_00001 PANJIT-BAT54TB_R1_00001 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT54TB_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com