Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ8.2B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PDZ8.2B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PDZ8.2B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PDZ8.2B Datasheet HTML 1Page - Pan Jit International Inc. PDZ8.2B Datasheet HTML 2Page - Pan Jit International Inc. PDZ8.2B Datasheet HTML 3Page - Pan Jit International Inc. PDZ8.2B Datasheet HTML 4Page - Pan Jit International Inc. PDZ8.2B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
PDZ4.7B ~ PDZ36B
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.7 to 36 Volts
POWER
400 mWatts
NOTE:
A.Mounted on 5.0mm2(.013mm thick) land areas
PARAMETER
SYMBOL
LIMITS
UNIT
Maximum Power Dissipation (Note A) at 25oCP
D
400
mW
Operating Junction and Storage Temperature Range
T
J
-55 to + 150
o
C
Thermal Resistance, Junction to Ambient
R
θ
JA
325
o
C/W
1
2
Cathode
Anode
FEATURES
• Planar Die construction
• 400mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Green molding compound as per IEC61249 Std. . (Halogen Free)
Lead free in comply with EU RoHS 2002/95/EC directives.
MECHANICAL DATA
• Case: SOD-323, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Weight: 0.00014 ounces, 0.0041 grams
• Mounting Position: Any
SOD-323
Unit inch(mm)
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.038(0.95)
0.027(0.70)
May 09,2012-REV.01


Similar Part No. - PDZ8.2B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ8.2B PHILIPS-PDZ8.2B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ8.2B PANJIT-PDZ8.2B Datasheet
117Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ8.2B PHILIPS-PDZ8.2B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
PDZ8.2B NXP-PDZ8.2B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ8.2B NEXPERIA-PDZ8.2B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
More results

Similar Description - PDZ8.2B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com