Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ11B Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PDZ11B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PDZ11B Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PDZ11B Datasheet HTML 1Page - Pan Jit International Inc. PDZ11B Datasheet HTML 2Page - Pan Jit International Inc. PDZ11B Datasheet HTML 3Page - Pan Jit International Inc. PDZ11B Datasheet HTML 4Page - Pan Jit International Inc. PDZ11B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
PDZ4.7B ~ PDZ36B
1
36
27
18
16
15
13
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
0
0
1234
5678
910
10
20
30
40
50
Vz, ZENER VOLTAGE(V)
Tj=25 C
O
Test Current Iz
5.0mA
5.6
6.2
6.8
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
Vz, ZENER VOLTAGE(V)
0
0
10203040
10
20
30
Test Current Iz
5mA
10
11
12
13
15
16
18
27
36
Tj=25 C
O
20
20
4.7
22
30
33
24
7.5
8.2
9.1
22
24
30
33
May 09,2012-REV.01
5.1
5.1


Similar Part No. - PDZ11B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ11B PHILIPS-PDZ11B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ11B PANJIT-PDZ11B Datasheet
117Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
PDZ11B NXP-PDZ11B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ11B NEXPERIA-PDZ11B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
More results

Similar Description - PDZ11B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com