Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA65P03_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJA65P03_R1_00001
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA65P03_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJA65P03_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc. PJA65P03_R1_00001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
July 02,2012-REV.00
PJA65P03
FEATURES
• R
DS(ON), VGS@-2.5V,ID@-1A<
m
• R
DS(ON), VGS@-4.5V,ID@-4A<65 m
• R
DS(ON), VGS@-10V,ID@-4.2A<55 m
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC Converters
• Low Gate Charge
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-23 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Apporx. Weight : 0.0003 ounces, 0.0084grams
• Marking : 65
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (T
A=25
OC unless otherwise noted )
NOTES:
1. Mounted on 1 in2 FR-4 PCB .
PAR AME T E R
S YMB O L
L IMIT
U N IT S
D r a i n-S o ur c e Vo lta g e
V
D S
-3 0
V
Ga te -S o ur c e Vo lta g e
V
GS
+1 2
V
C o nti nuo us D r a i n C ur r e nt ( No te s 1 )
T
A = 2 5
OC
I
D
-4
A
P uls e d D r a i n C ur r e nt
I
D M
-3 0
A
P o we r D i s s i p a ti o n ( No te s 1 )
T
A = 2 5
OC
P
D
1 .3 6
W
Typ i c a l The r ma l Re s i s ta nc e ( Note s 1 )
R
 JA
1 2 5
OC /W
Op e r a ti ng J unc ti o n a nd S to r a g e Te mp e r a tur e Rang e
T
J , T S TG
- 5 5 to + 1 5 0
OC
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
VOLTAGE
30 Volts
4 Amperes
CURRENT
9


Similar Part No. - PJA65P03_R1_00001

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PJA600F COSEL-PJA600F Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12 COSEL-PJA600F-12 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-C COSEL-PJA600F-12-C Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-F4 COSEL-PJA600F-12-F4 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA600F-12-G COSEL-PJA600F-12-G Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
More results

Similar Description - PJA65P03_R1_00001

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com