Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1CF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER1CF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER1CF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER1CF Datasheet HTML 1Page - Pan Jit International Inc. ER1CF Datasheet HTML 2Page - Pan Jit International Inc. ER1CF Datasheet HTML 3Page - Pan Jit International Inc. ER1CF Datasheet HTML 4Page - Pan Jit International Inc. ER1CF Datasheet HTML 5Page - Pan Jit International Inc. ER1CF Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
ER1AF SERIES
RATING AND CHARACTERISTIC CURVES
1
10
100
0.1
1
10
100
VR, Reverse Bias Voltage (V)
ER1JF
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0.001
0.01
0.1
1
10
100
40
80
120
160
200
VR , Peak Reverse Voltage (V)
TJ = 150°C
TJ = 75°C
TJ = 25°C
TJ = 125°C
ER1AF~ER1DF
Fig.3 Typical Reverse Characteristics
0.01
0.1
1
10
100
80
160
240
320
400
VR , Peak Reverse Voltage (V)
TJ = 150°C
TJ = 75°C
TJ = 25°C
TJ = 125°C
ER1EF~ER1GF
Fig.4 Typical Reverse Characteristics
ER1AF~ER1DF
ER1EF~ER1GF
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 125°C
TJ = 75°C
TJ = 25°C
TJ = 150°C
Fig.6 Typical Forward Characteristics
ER1AF~ER1DF
0.001
0.01
0.1
1
10
100
120
240
360
480
600
VR , Peak Reverse Voltage (V)
TJ = 150°C
TJ = 75°C
TJ = 25°C
TJ = 125°C
ER1JF
Fig.5 Typical Reverse Characteristics
August 10,2012-REV.01


Similar Part No. - ER1CF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ER1CF CHENDA-ER1CF Datasheet
435Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER1CF SUNMATE-ER1CF Datasheet
395Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ER1CF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com