Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P325A Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430P325A
Description  MIXED SIGNAL MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430P325A Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430P325A Datasheet HTML 6Page - Texas Instruments MSP430P325A Datasheet HTML 7Page - Texas Instruments MSP430P325A Datasheet HTML 8Page - Texas Instruments MSP430P325A Datasheet HTML 9Page - Texas Instruments MSP430P325A Datasheet HTML 10Page - Texas Instruments MSP430P325A Datasheet HTML 11Page - Texas Instruments MSP430P325A Datasheet HTML 12Page - Texas Instruments MSP430P325A Datasheet HTML 13Page - Texas Instruments MSP430P325A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B − MARCH 1999 − REVISED MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
oscillator and system clock (continued)
The controller system clock has to operate with different requirements according to the application and system
conditions. Requirements include:
D High frequency in order to react quickly to system hardware requests or events
D Low frequency in order to minimize current consumption, EMI, etc.
D Stable frequency for timer applications e.g. real time clock (RTC)
D Enable start-stop operation with a minimum of delay
These requirements cannot all be met with fast frequency high-Q crystals or with RC-type low-Q oscillators. The
compromise selected for the MSP430 uses a low-crystal frequency which is multiplied to achieve the desired
nominal operating range:
f(system) = (N+1)
× f(crystal)
The crystal frequency multiplication is acheived with a frequency locked loop (FLL) technique. The factor N is
set to 31 after a power-up clear condition. The FLL technique, in combination with a digital controlled oscillator
(DCO) provides immediate start-up capability together with long term crystal stability. The frequency variation
of the DCO with the FLL inactive is typically 330 ppm which means that with a cycle time of 1
μs the maximum
possible variation is 0.33 ns. For more precise timing, the FLL can be used which forces longer cycle times if
the previous cycle time was shorter than the selected one. This switching of cycle times makes it possible to
meet the chosen system frequency over a long period of time.
The start-up operation of the system clock depends on the previous machine state. During a power up clear
(PUC), the DCO is reset to its lowest possible frequency. The control logic starts operation immediately after
recognition of PUC. Connect operation of the FLL control logic requires the presence of a stable crystal
oscillator.
digital I/O
One 8-bit I/O port (Port0) is implemented. Six control registers give maximum flexibility of digital input/output
to the application:
D All individual I/O bits are programmable independently.
D Any combination of input, output, and interrupt conditions is possible.
D Interrupt processing of external events is fully implemented for all eight bits of port P0.
D Provides read/write access to all registers with all instructions.
The six registers are:
D Input register
Contains information at the pins
D Output register
Contains output information
D Direction register
Controls direction
D Interrupt flags
Indicates if interrupt(s) are pending
D Interrupt edge select
Contains input signal change necessary for interrupt
D Interrupt enable
Contains interrupt enable pins
All six registers contain eight bits except for the interrupt flag register and the interrupt enable register. The two
LSBs of the interrupt flag and interrupt enable registers are located in the special functions register (SFR). Three
interrupt vectors are implemented, one for Port0.0, one for Port0.1, and one commonly used for any interrupt
event on Port0.2 to Port0.7. The Port0.1 and Port0.2 pin function is shared with the 8-bit Timer/Counter.


Similar Part No. - MSP430P325A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P325A TI-MSP430P325A Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325A TI-MSP430P325A Datasheet
517Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325A TI1-MSP430P325A Datasheet
471Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI-MSP430P325AIFN Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI-MSP430P325AIFN Datasheet
517Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430P325A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com