Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMS430E325AFZ Datasheet(PDF) 6 Page - Texas Instruments

Part # PMS430E325AFZ
Description  MIXED SIGNAL MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PMS430E325AFZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button PMS430E325AFZ Datasheet HTML 2Page - Texas Instruments PMS430E325AFZ Datasheet HTML 3Page - Texas Instruments PMS430E325AFZ Datasheet HTML 4Page - Texas Instruments PMS430E325AFZ Datasheet HTML 5Page - Texas Instruments PMS430E325AFZ Datasheet HTML 6Page - Texas Instruments PMS430E325AFZ Datasheet HTML 7Page - Texas Instruments PMS430E325AFZ Datasheet HTML 8Page - Texas Instruments PMS430E325AFZ Datasheet HTML 9Page - Texas Instruments PMS430E325AFZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B − MARCH 1999 − REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operation modes and interrupts (continued)
The most general bits that influence current consumption and support fast turnon from low-power operating
modes are located in the status register (SR). Four of these bits control the CPU and the system clock generator:
SCG1, SCG0, OscOff, and CPUOff.
Reserved For Future
Enhancements
15
9
8
7
0
V
SCG1
SCG0
OscOff
CPUOff
GIE
N
Z
C
rw-0
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the ROM with an address range of
0FFFFh-0FFE0h. The vector contains the 16-bit address of the appropriate interrupt handler instruction
sequence.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up, external reset, watchdog
WDTIFG (see Note1)
Reset
0FFFEh
15, highest
NMI, oscillator fault
NMIIFG (see Notes 1 and 3)
OFIFG (see Notes 1 and 4)
Non-maskable,
(Non)-maskable
0FFFCh
14
Dedicated I/O P0.0
P0.0IFG
maskable
0FFFAh
13
Dedicated I/O P0.1 or 8-bit Timer/Counter
RXD
P0.1IFG
maskable
0FFF8h
12
0FFF6h
11
Watchdog Timer
WDTIFG
maskable
0FFF4h
10
0FFF2h
9
0FFF0h
8
0FFEEh
7
0FFECh
6
ADC
ADCIFG
maskable
0FFEAh
5
Timer/Port
RC1FG, RC2FG, EN1FG
(see Note 2)
maskable
0FFE8h
4
0FFE6h
3
0FFE4h
2
Basic Timer1
BTIFG
maskable
0FFE2h
1
I/O port 0, P0.2−7
P0.27IFG (see Note 1)
maskable
0FFE0h
0, lowest
NOTE 1: Multiple source flags
NOTE 2: Timer/Port interrupt flags are located in the T/P registers
NOTE 3: Non-maskable: neither the individual nor the general interrupt enable bit will disable an interrupt event.
NOTE 4: (Non)-maskable: the individual interrupt enable bit can disable on interrupt event, but the general interrupt enable bit cannot.


Similar Part No. - PMS430E325AFZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PMS430E325AFZ TI-PMS430E325AFZ Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
PMS430E325AFZ TI-PMS430E325AFZ Datasheet
517Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - PMS430E325AFZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com