Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS165 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75ALS165
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS165 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS165 Datasheet HTML 3Page - Texas Instruments SN75ALS165 Datasheet HTML 4Page - Texas Instruments SN75ALS165 Datasheet HTML 5Page - Texas Instruments SN75ALS165 Datasheet HTML 6Page - Texas Instruments SN75ALS165 Datasheet HTML 7Page - Texas Instruments SN75ALS165 Datasheet HTML 8Page - Texas Instruments SN75ALS165 Datasheet HTML 9Page - Texas Instruments SN75ALS165 Datasheet HTML 10Page - Texas Instruments SN75ALS165 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN75ALS165
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SLLS023B – JUNE 1986 – REVISED AUGUST 1989
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
2
1
0.5
0
0
– 5
– 10
– 15
– 20
– 25
3
3.5
TERMINAL HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
4
– 30
– 35 – 40
2.5
1.5
VCC = 5 V
TA = 25°C
IOH – High-Level Output Current – mA
Figure 7
0.3
0.2
0.1
0
010
20
0.4
0.5
TERMINAL LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
30
40
50
60
VCC = 5 V
TA = 25°C
IOL – Low-Level Output Current – mA
2
1.5
0.5
0
0
0.2
0.4
0.6
0.8
1
1.2
2.5
3.5
TERMINAL OUTPUT VOLTAGE
vs
BUS INPUT VOLTAGE
4
1.4
1.6
1.8
2
1
3
VI – Input Voltage – V
VT–
VT+
VCC = 5 V
No Load
TA = 25°C
Figure 8


Similar Part No. - SN75ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DWE4 TI-SN75ALS160DWE4 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com