Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP600S Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP600S
Description  1.5/3.0/6.0 Gbps SATA/SAS Redriver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP600S Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVCP600S Datasheet HTML 5Page - Texas Instruments SN75LVCP600S Datasheet HTML 6Page - Texas Instruments SN75LVCP600S Datasheet HTML 7Page - Texas Instruments SN75LVCP600S Datasheet HTML 8Page - Texas Instruments SN75LVCP600S Datasheet HTML 9Page - Texas Instruments SN75LVCP600S Datasheet HTML 10Page - Texas Instruments SN75LVCP600S Datasheet HTML 11Page - Texas Instruments SN75LVCP600S Datasheet HTML 12Page - Texas Instruments SN75LVCP600S Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
4" 4 mil Stripline
40" 4mil
Stripline
AWG
Jitter
Measurement
CP
SN75LVCP600S
www.ti.com
SLLSE81
– MARCH 2011
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
TRANSMITTER JITTER AT CP(1)
3Gbps SATA mode
TJTX
Total jitter(1)
0.26
0.38
UIpp
VID = 500 mVpp, UI = 333ps, K28.5 control character,
DJTX
Deterministic jitter
0.13
0.24
UIpp
EQ/DE=1
VID = 500 mVpp, UI = 333ps, K28.7 control character,
RJTX
Residual random jitter
1.16
1.95
ps-rms
EQ/DE=1
6Gbps SATA mode
TJTX
Total jitter(1)
0.37
0.61
UIpp
VID = 500 mVpp, UI = 167ps, K28.5 control character,
DJTX
Deterministic jitter
012
0.32
UIpp
EQ/DE=1
VID = 500 mVpp, UI = 167ps, K28.7 control character,
RJTX
Residual random jitter
1.15
2.2
ps-rms
EQ/DE=1
3Gbps SAS mode
TJTX
Total jitter(1)
0.25
0.37
UIpp
VID = 500 mVpp, UI = 333ps, K28.5 control character,
DJTX
Deterministic jitter
0.12
0.23
UIpp
EQ/DE=1
VID = 500 mVpp, UI = 333ps, K28.7 control character,
RJTX
Residual random jitter
1.11
2.0
ps-rms
EQ/DE=1
6Gbps SAS mode
TJTX
Total jitter(1)
0.35
0.57
UIpp
VID = 500 mVpp, UI = 167ps, K28.5 control character,
DJTX
Deterministic jitter
0.10
0.29
UIpp
EQ/DE=1
VID = 500 mVpp, UI = 167ps, K28.7 control character,
RJTX
Residual random jitter
1.10
2.14
ps-rms
EQ/DE=1
(1)
TJ = (14.1×RJSD + DJ) where RJSD is one standard deviation value of RJ Gaussian distribution. Jitter measurement is at the CP
connector and includes jitter generated at the package connection on the printed circuit board, and at the board interconnect as shown
in Figure 6.
Figure 6. Jitter Measurement Test Condition
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN75LVCP600S


Similar Part No. - SN75LVCP600S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
SN75LVCP600DRFR TI1-SN75LVCP600DRFR Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
SN75LVCP600DRFT TI1-SN75LVCP600DRFT Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
More results

Similar Description - SN75LVCP600S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Advantech Co., Ltd.
MSATA630 ADVANTECH-MSATA630 Datasheet
866Kb / 25P
   Support SATA 1.5/3.0/6.0 Gbps interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
logo
Pericom Semiconductor C...
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
   6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
logo
Texas Instruments
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com