Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H810KACB Datasheet(PDF) 3 Page - Tyco Electronics

Part # H810KACB
Description  Axial Leaded Precision Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H810KACB Datasheet(HTML) 3 Page - Tyco Electronics

  H810KACB Datasheet HTML 1Page - Tyco Electronics H810KACB Datasheet HTML 2Page - Tyco Electronics H810KACB Datasheet HTML 3Page - Tyco Electronics H810KACB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Axial Leaded Precision Resistors
Type HOLCO Series
1773230 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Dimensions
H4P
H4
H8
Body Length (L) maximum:
10.0 mm
10.0 mm
7.20 mm
Body Diameter (D) maximum:
3.70 mm
3.70 mm
2.50 mm
Lead Diameter (d) maximum:
0.60 mm
0.60 mm
0.60 mm
Lead Length (l) nominal:
30.0 mm
30.0 mm
30.0 mm
Recommended Mounting Pitch:
12.7 mm
12.7 mm
10.2 mm
Weight (g/100 resistors)
40
40
24
To prevent damage to the components conformal coating, the leads should be adequately supported during the
forming process
Characteristics -
Long Term Stability
Long Term Stability
Commercial
Ratings at 125°C
H4P - 1W
H4 - 0.5 W
H8 - 0.25 W
Damp Heat Steady State
93% RH at 40°C
Long Term Stability
BS CECC 40101 004
Ratings at 70°C
H4 - 0.25 W
H8 - 0.125 W
Long Term Stability
BS CECC 40101 030
Ratings at 125°C
H4 - 0.125 W
H8 - 0.1 W


Similar Part No. - H810KACB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H810RAAA MACOM-H810RAAA Datasheet
196Kb / 4P
   Type HOLCO Series
H810RAAB MACOM-H810RAAB Datasheet
196Kb / 4P
   Type HOLCO Series
H810RAAD MACOM-H810RAAD Datasheet
196Kb / 4P
   Type HOLCO Series
H810RABA MACOM-H810RABA Datasheet
196Kb / 4P
   Type HOLCO Series
H810RABB MACOM-H810RABB Datasheet
196Kb / 4P
   Type HOLCO Series
More results

Similar Description - H810KACB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1879635 MACOM-1879635 Datasheet
63Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
1879620 MACOM-1879620 Datasheet
64Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879631 MACOM-1879631 Datasheet
64Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879622 MACOM-1879622 Datasheet
63Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4P
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
   High Precision Leaded Resistors
Revision: 21-Aug-07
G200 VISHAY-G200 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com