Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN100KT5541 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN100KT5541
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN100KT5541 Datasheet(HTML) 4 Page - Texas Instruments

  SN100KT5541 Datasheet HTML 1Page - Texas Instruments SN100KT5541 Datasheet HTML 2Page - Texas Instruments SN100KT5541 Datasheet HTML 3Page - Texas Instruments SN100KT5541 Datasheet HTML 4Page - Texas Instruments SN100KT5541 Datasheet HTML 5Page - Texas Instruments SN100KT5541 Datasheet HTML 6Page - Texas Instruments SN100KT5541 Datasheet HTML 7Page - Texas Instruments SN100KT5541 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VOH
V
UNIT
PARAMETER
A
OE1
OE1
OE2
OE2
Y
Y
Y
Y
Y
ns
ns
ns
ns
ns
SN100KT5541
OCTAL ECLTOTTL TRANSLATOR
WITH 3STATE OUTPUTS
SDZS004A − NOVEMBER 1989 − REVISED MAY 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
OE2 only
VCC = 4.5 V,
VEE = − 4.2 V,
II = − 18 mA
− 1.2
V
II
OE2 only
VCC = 5.5 V,
VEE = − 4.8 V,
VI = 7 V
0.1
mA
IIH
OE2 only
VCC = 5.5 V,
VEE = − 4.8 V,
VI = 2.7 V
20
µA
IIL
OE2 only
VCC = 5.5 V,
VEE = − 4.8 V,
VI = 0.5 V
− 0.5
mA
IIH
Data inputs and OE1
VCC = 5.5 V,
VEE = − 4.8 V,
VIH = − 840 mV
350
µA
IIL
Data inputs and OE1
VCC = 5.5 V,
VEE = − 4.8 V,
VIL = − 1810 mV
0.50
µA
VCC = 4.5 V,
VEE = − 4.5 V ± 0.3 V,
IOH = − 3 mA
2.4
3.3
VCC = 4.5 V,
VEE = − 4.5 V ± 0.3 V,
IOH = − 15 mA
2
3.1
VOL
VCC = 4.5 V,
VEE = − 4.5 V ± 0.3 V,
IOL = 48 mA
0.38
0.55
V
IOZH
VCC = 5.5 V,
VEE = − 4.8 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VEE = − 4.8 V,
VO = 0.5 V
−50
µA
IOS‡
VCC = 5.5 V,
VEE = − 4.8 V,
VO = 0 V
− 100
− 225
mA
ICCH
VCC = 5.5 V,
VEE = − 4.8 V
64
97
mA
ICCL
VCC = 5.5 V,
VEE = − 4.8 V
80
120
mA
ICCZ
VCC = 5.5 V,
VEE = − 4.8 V
77
116
mA
IEE
VCC = 5.5 V,
VEE = − 4.8 V
−22
−33
mA
Ci
VCC = 5 V,
VEE = 4.5 V
5
pF
Co
VCC = 5 V,
VEE = 4.5 V
7
pF
† All typical values are at VCC = 5 V, VEE = −4.5 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
CL = 50 pF,
FROM
TO
R1 = 500
Ω,
(INPUT)
(OUTPUT)
R2 = 500
MIN
TYP§
MAX
tPLH
1.7
4
6.2
tPHL
1.6
4
6.2
tPZH
2.6
4.7
6.7
tPZL
3.2
5.9
8.5
tPHZ
2.9
5.4
7.8
tPLZ
1.9
4.9
7.8
tPZH
1.7
4
6.2
tPZL
2.5
5.1
7.7
tPHZ
2.1
4.3
6.4
tPLZ
1.1
3.7
6.3
§ All typical values are at VCC = 5 V, VEE = −4.5 V, TA = 25°C.


Similar Part No. - SN100KT5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540DW TI1-SN100KT5540DW Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540NT TI1-SN100KT5540NT Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5542 TI1-SN100KT5542 Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN100KT5542DW TI1-SN100KT5542DW Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
More results

Similar Description - SN100KT5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5540 TI1-SN10KHT5540 Datasheet
105Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5538 TI1-SN10KHT5538 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5538 TI1-SN100KT5538 Datasheet
93Kb / 5P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5573 TI1-SN10KHT5573 Datasheet
119Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE TRANSPARENT LATCHES AND 3-STATE OUTPUTS
SN100KT5574 TI1-SN100KT5574 Datasheet
70Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574 TI-SN10KHT5574 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com