Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-7900801VDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-7900801VDA
Description  RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-7900801VDA Datasheet(HTML) 4 Page - Texas Instruments

  5962-7900801VDA Datasheet HTML 1Page - Texas Instruments 5962-7900801VDA Datasheet HTML 2Page - Texas Instruments 5962-7900801VDA Datasheet HTML 3Page - Texas Instruments 5962-7900801VDA Datasheet HTML 4Page - Texas Instruments 5962-7900801VDA Datasheet HTML 5Page - Texas Instruments 5962-7900801VDA Datasheet HTML 6Page - Texas Instruments 5962-7900801VDA Datasheet HTML 7Page - Texas Instruments 5962-7900801VDA Datasheet HTML 8Page - Texas Instruments 5962-7900801VDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
SN55183-SP
SLLS932 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE(1)
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
J
1375 mW
11.0 mW/°C
880 mW
275 mW
W
1000 mW
8.0 mW/°C
640 mW
200 mW
(1)
SN55183 chips are alloy mounted.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–40
mA
IOL
Low-level output current
40
mA
TA
Operating free-air temperature
–55
125
°C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN55183-SP


Similar Part No. - 5962-7900801VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-7900801VDA TI1-5962-7900801VDA Datasheet
353Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
5962-7900801VDA TI-5962-7900801VDA Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
5962-7900801VDA TI1-5962-7900801VDA Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - 5962-7900801VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511-SP NSC-THS4511-SP Datasheet
811Kb / 25P
   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI1-THS4511-SP Datasheet
850Kb / 24P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4304-SP TI1-THS4304-SP Datasheet
836Kb / 22P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND OPERATIONAL AMPLIFIER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com