Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU5611 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSU5611
Description  DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU5611 Datasheet(HTML) 2 Page - Texas Instruments

  TSU5611 Datasheet HTML 1Page - Texas Instruments TSU5611 Datasheet HTML 2Page - Texas Instruments TSU5611 Datasheet HTML 3Page - Texas Instruments TSU5611 Datasheet HTML 4Page - Texas Instruments TSU5611 Datasheet HTML 5Page - Texas Instruments TSU5611 Datasheet HTML 6Page - Texas Instruments TSU5611 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSU5611
SCDS326A
– AUGUST 2011 – REVISED NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SUMMARY OF TYPICAL CHARACTERISTICS
USB PATH
UART PATH
AUDIO PATH
MIC PATH
Number of switches
1
1
1
1
ON-state resistance (rON)
5
5
3
8.8
ON-state resistance match (
ΔrON)
1
1
1.1
N/A
ON-state resistance flatness (rON(flat))
0.24
0.24
0.1
0.5
Turn-on/turn-off time (tON/tOFF)
1 ms
1 ms
1 ms
1 ms
Bandwidth (BW)
830 MHz
830 MHz
788 MHz
573 MHz
OFF isolation (OISO)
–22 dB
–22 dB
–75 dB
–100 dB
Crosstalk (XTALK)
–40 dB
–40 dB
–50 dB
–50 dB
Total harmonic distortion (THD)
N/A
N/A
0.05%
0.0017%
Leakage current (INO(OFF)/INC(OFF))
100 nA
100 nA
100 nA
100 nA
Package options
YZP package, 0.5-mm pitch
APPLICATION BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TSU5611


Similar Part No. - TSU5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
TSU5511YZPR TI1-TSU5511YZPR Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results

Similar Description - TSU5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
ON Semiconductor
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
   DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
logo
Texas Instruments
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
[Old version datasheet]   SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
logo
ON Semiconductor
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
   USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
   USB Port 2:1 Switch with Accessory and Charger Detection
logo
ON Semiconductor
NLAS8252 ONSEMI-NLAS8252 Datasheet
123Kb / 8P
   DP3T Switch for USB/UART/Data Multiplexing
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com