Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75125 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75125
Description  SEVEN-CHANNEL LINE RECEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75125 Datasheet(HTML) 4 Page - Texas Instruments

  SN75125 Datasheet HTML 1Page - Texas Instruments SN75125 Datasheet HTML 2Page - Texas Instruments SN75125 Datasheet HTML 3Page - Texas Instruments SN75125 Datasheet HTML 4Page - Texas Instruments SN75125 Datasheet HTML 5Page - Texas Instruments SN75125 Datasheet HTML 6Page - Texas Instruments SN75125 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75125, SN75127
SEVENCHANNEL LINE RECEIVERS
SLLS108B − D239, JANUARY 1977 − REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
PARAMETER MEASUREMENT INFORMATION
10 ns
0.8 V
1.2 V
VCC
Output
RL = 400 Ω
(see Note C)
CL = 50 pF
(see Note B)
TEST CIRCUIT
Pulse
Generator
(see Note A)
Input
10%
0.7 V
90%
10 ns
100 ns
90%
1.7 V
10%
Output
tPHL
2 V
1.5 V
0.8 V
tTHL
tTLH
2 V
tPLH
3 V
0 V
VOH
VOL
VOLTAGE WAVEFORMS
NOTES: A. The pulse generator has the following characteristics: ZO ≈ 50 Ω, PRR ≤ 5 MHz.
B. CL includes probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
Figure 1. Tests Circuit and Voltage Waveforms


Similar Part No. - SN75125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75121 TI-SN75121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121 TI1-SN75121 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI-SN75121D Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI1-SN75121D Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121N TI-SN75121N Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results

Similar Description - SN75125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS125 TI1-SN75ALS125 Datasheet
82Kb / 5P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75ALS127 TI-SN75ALS127 Datasheet
162Kb / 4P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
SN75128 TI1-SN75128_16 Datasheet
524Kb / 11P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
logo
Exar Corporation
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com