Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75163B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75163B
Description  OCTAL GENERAL-PURPOSE INTERFACE US TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75163B Datasheet(HTML) 2 Page - Texas Instruments

  SN75163B Datasheet HTML 1Page - Texas Instruments SN75163B Datasheet HTML 2Page - Texas Instruments SN75163B Datasheet HTML 3Page - Texas Instruments SN75163B Datasheet HTML 4Page - Texas Instruments SN75163B Datasheet HTML 5Page - Texas Instruments SN75163B Datasheet HTML 6Page - Texas Instruments SN75163B Datasheet HTML 7Page - Texas Instruments SN75163B Datasheet HTML 8Page - Texas Instruments SN75163B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN75163B
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVER
SLLS006A − D2611, OCTOBER 1985 − REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
logic symbol
logic diagram (positive logic)
D8
12
M1 (3S)
M2 (0C)
EN3 (XMT)
EN4 (RCV)
9
D7
13
8
B8
D6
14
7
B7
D5
15
6
B6
D4
16
5
B5
D3
17
4
B4
D2
18
3
B3
2
B1
TE
1
PE
11
19
D1
41
3(1 /2
)
B2
Terminal
I/O Ports
GPIB
I/O
Ports
B8
9
D8
12
B7
8
D7
13
B6
7
D6
14
B5
6
D5
15
B4
5
D4
16
B3
4
D3
17
B2
3
D2
18
11
PE
1
TE
19
D1
2
B1
This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Designates 3-state outputs
Designates open-collector outputs
{
schematics of inputs and outputs
NOM
9 k
GND
Input
VCC
EQUIVALENT OF ALL CONTROL INPUTS
EQUIVALENT OF ALL INPUT/OUTPUT PORTS
Driver output Req = 30 Ω NOM
Receiver output Req = 110 Ω NOM
NOM
4 k
Req
10 k
NOM
Input/Output Port
VCC
GND


Similar Part No. - SN75163B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI1-SN75160BDW Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWE4 TI1-SN75160BDWE4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWG4 TI1-SN75160BDWG4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75163B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com